Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488KBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8488KBCZ
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8488KBCZ Datasheet HTML 8Page - Analog Devices AD8488KBCZ Datasheet HTML 9Page - Analog Devices AD8488KBCZ Datasheet HTML 10Page - Analog Devices AD8488KBCZ Datasheet HTML 11Page - Analog Devices AD8488KBCZ Datasheet HTML 12Page - Analog Devices AD8488KBCZ Datasheet HTML 13Page - Analog Devices AD8488KBCZ Datasheet HTML 14Page - Analog Devices AD8488KBCZ Datasheet HTML 15Page - Analog Devices AD8488KBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8488
Data Sheet
Rev. A | Page 12 of 20
0
0.12
CHANNEL NUMBER
100
90
80
70
60
50
10
40
30
20
130
120
110
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
G = 5V/V
CF1 = 0.9pF
TCASE = 30°C
FSEL = 160k
VIN = 0 TO –4.16mV
Figure 10. Adjacent Channel Crosstalk as Measured by the Percent of Output
Step for Each Channel
0
100
90
80
70
60
50
10
40
30
20
130
120
110
1
0
2
3
4
5
–5
CHANNEL NUMBER
–1
–2
–3
–4
G = 10V/V
CF1 = 0.9pF
TCASE = 30°C
CPANEL = 38pF
Figure 11. Input Leakage vs. Channel
2
0
–2
0
4
6
8
10
CHANNEL NUMBER
100
90
80
70
60
50
10
40
30
20
130
120
110
–10
–8
–6
–4
CF1 = 0.45pF
CF1 = 7.0pF
CF1 = 3.5pF
CF1 = 0.9pF
G = 1V/V
TCASE = 30°C
CPANEL = 38pF
VIN = 0V
Figure 12. Differential Offset Voltage vs. Channel for Four Values of CF1
0
0.10
CHANNEL NUMBER
100
90
80
70
60
50
10
40
30
20
130
120
110
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
G = 5V/V
CF1 = 0.9pF
TCASE = 30°C
FSEL = 160k
VIN = 0 TO –4.16mV
Figure 13. Crosstalk from All Nonadjacent Channels as Measured by the
Percent of Output Step for Each Channel
180
0
140
160
200
220
240
260
TCASE (°C)
320
300
280
60
50
10
40
30
20
340
60
80
100
120
IAVDD
NORMAL POWER
LOW POWER
65
Figure 14. Supply Current vs. Temperature (TCASE)
0
TEMPERATURE (°C)
60
50
10
40
30
20
–5.5
G = 10V/V
CF1 = 7 pF
TCASE = 30°C
CPANEL = 38pF
VIN = 0V
–5.6
–5.7
–5.8
–5.9
–6.0
–6.1
–6.2
–6.3
–6.4
–6.5
Figure 15. Differential Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com