Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488KBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8488KBCZ
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8488KBCZ Datasheet HTML 3Page - Analog Devices AD8488KBCZ Datasheet HTML 4Page - Analog Devices AD8488KBCZ Datasheet HTML 5Page - Analog Devices AD8488KBCZ Datasheet HTML 6Page - Analog Devices AD8488KBCZ Datasheet HTML 7Page - Analog Devices AD8488KBCZ Datasheet HTML 8Page - Analog Devices AD8488KBCZ Datasheet HTML 9Page - Analog Devices AD8488KBCZ Datasheet HTML 10Page - Analog Devices AD8488KBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8488
Rev. A | Page 7 of 20
KEY
AVDD
AGND
DGND
DVDD
I/O
DIG I/O
NC
A1 BALL PAD CORNER
NOTE: E12 AND M12 ARE NC ON THE BGA BUT
MUST BE CONNECTED TO GROUND ON THE PCB
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
BOTTOM VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Figure 3. 255-Ball CSP_BGA Ball Configuration (Bottom View)
Table 5. Pin Function Descriptions
Mnemonic
Pin No.
I/O
Description
AGND
See Table 6 and Table 7
O
Analog Power Ground (0 V).
AVDD
F6, F7, F8, F9, F10, G6, G11, H6, H11, H12, J6,
J11, K6, K11, L6, L8, L9, L10, L11
I
Analog Supply Voltage (5 V).
CLK
D15
I
Clock for Mux Operation.
CK_ENa
E14
I
Clock Gate for Channel 0 to Channel 63.
CK_ENb
F14
I
Clock Gate for Channel 64 to Channel 127.
CS_A
N14
I
Logic Level to Enable Channel 0 to Channel 63.
CS_B
M15
I
Logic Level to Enable Channel 64 to Channel 127.
CF1SEL0,
CF1SEL1
B15, C15
I
Binary Coded Logic Pins to Select One of Four Values of Integrator
Capacitor CF1 (see Table 9).
DGND
F16, G15, G16, H15, H16, J15, J16, K15, K16, L16
O
Digital Ground (0 V).
DVDD
B16, C16, D16, E16, F15, L15, M16, N16, P16, R16
I
Power Supply for Digital Circuit (5 V).
FSEL0, FSEL1
R14, T14
I
Filter Time Constant Select (see Table 10).
GNSEL0 to
GNSEL3
A14, B14, C14, D14
I
Gain Select for the Gain Amp. Select one of four hold capacitors. The
four values are arranged in one of ten parallel options to establish ten
gain values (see Table 11).
GRST
H14
I
Gain Amp Reset. Closes the switch across Integrator Capacitor CF2
setting the output of the gain amplifier to zero.
HOLD
T16
I
Gain Amp Hold. Connect the hold capacitor to the signal chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com