Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488KBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8488KBCZ
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8488KBCZ Datasheet HTML 10Page - Analog Devices AD8488KBCZ Datasheet HTML 11Page - Analog Devices AD8488KBCZ Datasheet HTML 12Page - Analog Devices AD8488KBCZ Datasheet HTML 13Page - Analog Devices AD8488KBCZ Datasheet HTML 14Page - Analog Devices AD8488KBCZ Datasheet HTML 15Page - Analog Devices AD8488KBCZ Datasheet HTML 16Page - Analog Devices AD8488KBCZ Datasheet HTML 17Page - Analog Devices AD8488KBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8488
Data Sheet
Rev. A | Page 14 of 20
TIMING SIGNALS
Figure 17 is the gate line timing diagram. The gate line sequence
requires 405 clock cycles for channel integration and the sequential
transfer to an ADC. The timing signals, IRST, GRST, and HOLD,
control the integration, gain, and hold switches, respectively, and
define the timing intervals required by each of the integrator
channels. These signals may be generated by an FPGA, ROM,
or similar device.
The balance of the signals shown in Figure 16 are user discretionary
and encoded according to Table 8 through Table 11 for select gain,
hold capacitor values, low-pass filter values, and mux output channels
for troubleshooting.
Timing Notes
Refer to Figure 17 and the following timing notes:
1. The CLK frequency can range from 1 MHz to 15 MHz.
2. RST must be low (active) for the first half clock of the gate
line cycle.
3. tGRST must be ≥ 6.1 µs.
4. tINT must be ≥ 12 µs.
5. The CK_ENa and CK_ENb intervals must be exactly 67
clocks. The time can be longer if tCLK exceeds 67 ns.
6. The tIRST interval must be exactly 130 CLKs.
RST
tDELAY3 (SEE NOTE 3)
tDELAY3 (SEE NOTE 3)
67 CLKS
tDELAY2 (SEE NOTE2)
67 CLKS
tCLK (SEE NOTE 1)
tDELAY2 (SEE NOTE 2)
NOTES
1. IN THIS EXAMPLE
tCLK = 67ns (15MHz).
2. ¼ CLK <
tDELAY2 < ½ CLK.
3. 0 CLK <
tDELAY3 < ¼ CLK.
4.
tGATE = tGRST + tINT + tREAD = 27µs.
5. ALL LOGIC LEVELS EXCEPT RST ARE ACTIVE HIGH.
6. SHOWN AS ACTIVE HIGH – CHARGE IS TRANSFERRED TO ALL CHANNELS DURING THIS INTERVAL.
IRST
GRST
HOLD
CLK
CK_ENa
GATED CLKa
CK_ENb
GATED CLKb
TFT_GATE
(SEE NOTE 5)
tINT (12µs)
≥6µs
tCLK (SEE NOTE 1) ≥ 67ns
1 GATE LINE:
tGATE (27ms) (WITH 15MHz CLOCK; SEE NOTE 4)
18.1µs
tREAD (133 CLKS)
tIRST (130 CLKS)
tGRST ≥ 6.1µs
Figure 17. Gate Line Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com