Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488KBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8488KBCZ
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8488KBCZ Datasheet HTML 4Page - Analog Devices AD8488KBCZ Datasheet HTML 5Page - Analog Devices AD8488KBCZ Datasheet HTML 6Page - Analog Devices AD8488KBCZ Datasheet HTML 7Page - Analog Devices AD8488KBCZ Datasheet HTML 8Page - Analog Devices AD8488KBCZ Datasheet HTML 9Page - Analog Devices AD8488KBCZ Datasheet HTML 10Page - Analog Devices AD8488KBCZ Datasheet HTML 11Page - Analog Devices AD8488KBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8488
Data Sheet
Rev. A | Page 8 of 20
Mnemonic
Pin No.
I/O
Description
IN0 to IN127
See Table 6 and Table 7
I
Analog Inputs.
IRST
E15
I
Integrator Reset. Closes a switch across the integration capacitor, CF1,
to set the output to zero.
NC
A13, A15, B13, C13, D13, E10, E12, E13, F11,
F13, G13, H13, J12, J13, K13, L13, M12, M13,
N13, P13, R13, T13
No connect. Connect these pins to GND on the PCB.
OUTLOW
F12
O
Inverting Analog Output (Negative) of the Differential Output.
OUTHIGH
G12
O
Noninverting Analog Output (Positive) of the Differential Output.
PWR
P14
I
Normal state is logic low; reduces analog bias current by approximately
80% when high.
RST
A16
I
Reset Gray Mode Counter for Mux.
TST_MODE
J14
I
Test Mode Enable. This control line is used together with the TST0 to
TST6 address bits to test or debug a system by continuously selecting a
channel.
TST0 to TST6
T15, R15, P15, N15, M14, L14, K14
I
Channel Address Select Bits When in Test Mode (see Table 8).
VREF
L12
I
Reference Input for Analog Circuit (2.048 V).
VREF_ESD
K12
I
ESD Reference. Connect to VREF (2.048 V).
WR
G14
I
Write Digital Instruction Word to the AFE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com