Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 104Page - STMicroelectronics STM32U385VG Datasheet HTML 105Page - STMicroelectronics STM32U385VG Datasheet HTML 106Page - STMicroelectronics STM32U385VG Datasheet HTML 107Page - STMicroelectronics STM32U385VG Datasheet HTML 108Page - STMicroelectronics STM32U385VG Datasheet HTML 109Page - STMicroelectronics STM32U385VG Datasheet HTML 110Page - STMicroelectronics STM32U385VG Datasheet HTML 111Page - STMicroelectronics STM32U385VG Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 224 page
background image
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 2
with
RTC)
Supply current in
Stop 2 mode, RTC(1)
clocked by LSI
250 Hz, 8 KB
SRAM2 + ICACHE
retained
1.8
13
41.5
125
255
47
130
380
770
µA
2.4
13
42.5
130
255
47
130
390
770
3
13
43
130
260
47
130
390
780
3.3
13
43
130
260
47
130
390
780
3.6
13.5
44
130
260
49
140
390
780
Supply current in
Stop 2 mode, RTC(1)
clocked by LSE
bypassed at
32768 Hz, 8 KB
SRAM2 + ICACHE
retained
1.8
13.0
42
125
255
47
130
380
770
2.4
13
43
130
255
47
130
390
770
3
13
43
130
260
47
130
390
780
3.3
13.5
43.5
130
260
49
140
390
780
3.6
14.0
44
135
260
51
140
410
780
Supply current in
Stop 2 mode, RTC(1)
clocked by LSE
quartz in low-drive
mode,
RCC_BDCR.LSESY
SEN = 0, 8 KB
SRAM2 + ICACHE
retained
1.8
13
41.5
125
250
-
-
-
-
2.4
13
42
130
255
-
-
-
-
3
13
42.5
130
255
-
-
-
-
3.3
13
43
130
255
-
-
-
-
3.6
13.5
44
130
260
-
-
-
-
Supply current in
Stop 2 mode, RTC(1)
clocked by LSE
quartz in low-drive
mode,
RCC_BDCR.LSESY
SEN = 1, 8 KB
SRAM2 + ICACHE
retained
1.8
13
41.5
125
250
-
-
-
-
2.4
13
42.5
130
255
-
-
-
-
3
13
42.5
130
255
-
-
-
-
3.3
13.5
43
130
255
-
-
-
-
3.6
14
44
130
260
-
-
-
-
1. RTC with default configuration but RTC_CALR.LPCAL = 1
2. Evaluated by characterization. Not tested in production.
Table 50. SRAM static power consumption in Stop 2 when supplied by LDO
Symbol
Parameter
Typ
Max(3)
Unit
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD (SRAM1_16kB)(1)
SRAM1 16-Kbyte page x (x = 1, or 2)
static consumption (SRAM1PDSx =
1 vs. SRAM1PDSx = 0)
0.21
0.41
1.65
3.95
0.74
1.30
5
12
µA
IDD (SRAM1_32kB)(1)
SRAM1 32-Kbyte page x (x = 3, ...,
6, or 7) static consumption
(SRAM1PDSx = 1 vs.
SRAM1PDSx = 0)
0.38
0.86
3.25
7.40
1.40
2.60
9.8
23
IDD (SRAM2_32kB)(2)
SRAM2 32-Kbyte page 1 static
consumption (SRAM2PDS1 = 1 vs.
SRAM2PDS1 = 0)
0.47
1.20
4.25
9.50
1.70
3.60
13
29
IDD (SRAM2_24kB)(2)
SRAM2 24-Kbyte page 2 static
consumption (SRAM2PDS2 = 1 vs.
SRAM2PDS2 = 0)
0.35
0.85
3.25
7.2
1.30
2.60
10
22
IDD (SRAM2_8kB)(2)
SRAM2 8-Kbyte page 3 static
consumption (SRAM2PDS3 = 1 vs.
SRAM2PDS3 = 0)
0.18
0.25
1.10
2.37
0.65
0.75
3.3
7.2
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 108/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com