Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 106Page - STMicroelectronics STM32U385VG Datasheet HTML 107Page - STMicroelectronics STM32U385VG Datasheet HTML 108Page - STMicroelectronics STM32U385VG Datasheet HTML 109Page - STMicroelectronics STM32U385VG Datasheet HTML 110Page - STMicroelectronics STM32U385VG Datasheet HTML 111Page - STMicroelectronics STM32U385VG Datasheet HTML 112Page - STMicroelectronics STM32U385VG Datasheet HTML 113Page - STMicroelectronics STM32U385VG Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 224 page
background image
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 2
with
RTC)
Supply current in Stop 2
mode, RTC(1) clocked by
LSE bypassed at 32768 Hz,
8 KB SRAM2 + ICACHE
retained
1.8
µA
6.4
20.5
62
125
23
62
190
380
2.4
5.0
15.5
48
97
18
47
150
300
3
4.2
13
40
81.5
16
39
120
250
3.3
4.2
12.5
38
77.5
15
38
120
240
3.6
4.4
12.5
37
75
16
38
120
230
Supply current in Stop 2
mode, RTC(1) clocked by
LSE quartz in low-drive
mode,
RCC_BDCR.LSESYSEN = 0
, 8 KB SRAM2 + ICACHE
retained
1.8
6.4
20
61
125
-
-
-
-
2.4
5.0
15.5
47.5
95.5
-
-
-
-
3
4.3
13
39.5
81
-
-
-
-
3.3
4.1
12.5
38
76.5
-
-
-
-
3.6
4.4
12.5
37
74
-
-
-
-
Supply current in Stop 2
mode, RTC(1) clocked by
LSE quartz in low-drive
mode,
RCC_BDCR.LSESYSEN = 1
, 8 KB SRAM2 + ICACHE
retained
1.8
6.5
20
61
125
-
-
-
-
2.4
5.1
15.5
47.5
96
-
-
-
-
3
4.4
13.5
40
81
-
-
-
-
3.3
4.3
12.5
38
77
-
-
-
-
3.6
4.5
12.5
37
74.5
-
-
-
-
1. RTC with default configuration but RTC_CALR.LPCAL = 1
2. Evaluated by characterization. Not tested in production.
Table 53. SRAM static power consumption in Stop 2 when supplied by SMPS
Symbol
Parameter
Typ
Max(3)
Unit
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD (SRAM1_16kB)(1)
SRAM1 16-Kbyte page
x (x = 1, or 2) static
consumption
(SRAM1PDSx = 1 vs.
SRAM1PDSx = 0)
0.05
0.14
0.45
1.10
0.17
0.41
1.40
3.30
µA
IDD (SRAM1_32kB)(1)
SRAM1 32-Kbyte page
x (x = 3, ..., 6, or 7)
static consumption
(SRAM1PDSx = 1 vs.
SRAM1PDSx = 0)
0.10
0.26
0.91
2.15
0.35
0.78
2.80
6.50
IDD (SRAM2_32kB)(2)
SRAM2 32-Kbyte page
1 static consumption
(SRAM2PDS1 = 1 vs.
SRAM2PDS1 = 0)
0.12
0.34
1.20
2.75
0.44
1.10
3.60
8.30
IDD (SRAM2_24kB)(2)
SRAM2 24-Kbyte page
2 static consumption
(SRAM2PDS2 = 1 vs.
SRAM2PDS2 = 0)
0.08
0.25
0.90
2.05
0.31
0.75
2.70
6.20
IDD (SRAM2_8kB)(2)
SRAM2 8-Kbyte page
3 static consumption
(SRAM2PDS3 = 1 vs.
SRAM2PDS3 = 0)
0.03
0.08
0.32
0.69
0.12
0.25
0.96
2.10
IDD (ICRAM)
ICACHE SRAM static
consumption
(ICRAMPDS = 1 vs.
ICRAMPDS = 0)
0.03
0.09
0.32
0.78
0.13
0.27
0.96
2.40
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 110/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com