Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U385VG Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32U385VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385VG Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32U385VG Datasheet HTML 109Page - STMicroelectronics STM32U385VG Datasheet HTML 110Page - STMicroelectronics STM32U385VG Datasheet HTML 111Page - STMicroelectronics STM32U385VG Datasheet HTML 112Page - STMicroelectronics STM32U385VG Datasheet HTML 113Page - STMicroelectronics STM32U385VG Datasheet HTML 114Page - STMicroelectronics STM32U385VG Datasheet HTML 115Page - STMicroelectronics STM32U385VG Datasheet HTML 116Page - STMicroelectronics STM32U385VG Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 224 page
background image
Symbol
Parameter
Typ
Max(3)
Unit
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD (SRAM2_8kB)(2)
SRAM2 8-Kbyte page 3 static
consumption
(SRAM2PDS3 = 1 vs.
SRAM2PDS3 = 0)
µA
0.07
0.24
1.05
2.25
0.26
0.72
3.20
6.80
IDD (ICRAM)
ICACHE SRAM static
consumption (ICRAMPDS = 1
vs. ICRAMPDS = 0)
0.10
0.27
1.20
2.45
0.35
0.81
3.60
7.40
IDD (PRAM)
FDCAN and USB SRAM static
consumption (PRAMPDS = 1
vs. PRAMPDS = 0)
0.03
0.08
0.39
0.70
0.11
0.25
1.20
2.10
IDD (PKARAM)
PKA SRAM static
consumption
(PKARAMPDS = 1 vs.
PKARAMPDS = 0)
0.06
0.10
0.55
1.50
0.21
0.30
1.70
4.50
1. SRAM1 total consumption is 2 × IDD(SRAM1_16kB) + 5 × IDD(SRAM1_32kB).
2. SRAM2 total consumption is IDD(SRAM2_32kB) + IDD(SRAM2_24kB) + IDD(SRAM2_8kB).
3. Evaluated by characterization. Not tested in production.
Table 57. Current consumption during wake-up from Stop 3 mode on LDO
Symbol
Parameter
Conditions
Typ
Unit
VDD
25°C
QDD (wake-up from
Stop 3)
Electrical charge
consumed during
wakeup from Stop 3
mode
Wake-up clock is MSI 48 MHz
3.0
150
nAs
Wake-up clock is HSI 16 MHz
150
Wake-up clock is MSI 3 MHz
160
Table 58. Current consumption in Stop 3 mode on SMPS
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 3)
Supply current in Stop
3 mode, RTC disabled,
8 KB SRAM2 +
ICACHE retained
1.8
2.25
7.5
24
52.5
8.2
23
72
160
µA
2.4
1.75
5.8
19
41.5
6.4
18
57
130
3
1.55
5.0
16.5
36
5.6
15
50
110
3.3
1.60
5.0
16
35
5.8
15
48
110
3.6
1.95
5.4
16.5
35
7.1
17
50
110
Supply current in Stop
3 mode, RTC disabled,
all SRAMs retained
1.8
3.30
10.5
35.5
79.5
12.0
32
110
240
2.4
2.55
8.2
27.5
62
9.2
25
83
190
3
2.20
7.0
23.5
52.5
8.0
21
71
160
3.3
2.20
6.8
22.5
50.5
8.0
21
68
160
3.6
2.50
7.1
22.5
49.5
9.1
22
68
150
IDD (Stop
3 with
RTC)
Supply current in Stop
3 mode, RTC(2) clocked
by LSI 32 kHz, 8 KB
SRAM2 + ICACHE
retained
1.8
2.55
7.8
24.5
52.5
9.2
24
74
160
2.4
2.15
6.2
19.5
42
7.8
19
59
130
3
2.00
5.5
17
36.5
7.3
17
51
110
3.3
2.10
5.5
16.5
35.5
7.6
17
50
110
3.6
2.50
6.0
17
35.5
9.1
18
51
110
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 113/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com