Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 10Page - SMSC Corporation USB3290_07 Datasheet HTML 11Page - SMSC Corporation USB3290_07 Datasheet HTML 12Page - SMSC Corporation USB3290_07 Datasheet HTML 13Page - SMSC Corporation USB3290_07 Datasheet HTML 14Page - SMSC Corporation USB3290_07 Datasheet HTML 15Page - SMSC Corporation USB3290_07 Datasheet HTML 16Page - SMSC Corporation USB3290_07 Datasheet HTML 17Page - SMSC Corporation USB3290_07 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
14
SMSC USB3290
DATASHEET
Table 6.3 DC Electrical Characteristics: Analog I/O Pins (DP/DM) (
Note 6.3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FS FUNCTIONALITY
Input levels
Differential Receiver Input
Sensitivity
VDIFS
| V(DP) - V(DM) |
0.2
V
Differential Receiver
Common-Mode Voltage
VCMFS
0.8
2.5
V
Single-Ended Receiver Low
Level Input Voltage
VILSE
0.8
V
Single-Ended Receiver High
Level Input Voltage
VIHSE
2.0
V
Single-Ended Receiver
Hysteresis
VHYSSE
0.050
0.150
V
Output Levels
Low Level Output Voltage
VFSOL
Pull-up resistor on DP;
RL = 1.5kΩ to VDD3.3
0.3
V
High Level Output Voltage
VFSOH
Pull-down resistor on DP,
DM;
RL = 15kΩ to GND
2.8
3.6
V
Termination
Driver Output Impedance for
HS and FS
ZHSDRV
Steady state drive
(See Figure 6.1)
40.5
45
49.5
Ω
Input Impedance
ZINP
TX, RPU disabled
10
M
Ω
Pull-up Resistor Impedance
ZPU
Bus Idle
0.900
1.24
1.575
k
Ω
Pull-up Resistor Impedance
ZPURX
Device Receiving
1.425
2.26
3.09
k
Ω
Termination Voltage For Pull-
up
Resistor On Pin DP
VTERM
3.0
3.6
V
HS FUNCTIONALITY
Input levels
HS Differential Input Sensitivity
VDIHS
| V(DP) - V(DM) |
100
mV
HS Data Signaling Common
Mode Voltage Range
VCMHS
-50
500
mV
HS Squelch Detection
Threshold (Differential)
VHSSQ
Squelch Threshold
100
mV
Unsquelch Threshold
150
mV
Output Levels
High Speed Low Level
Output Voltage (DP/DM
referenced to GND)
VHSOL
45
Ω load
-10
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com