Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 31Page - SMSC Corporation USB3290_07 Datasheet HTML 32Page - SMSC Corporation USB3290_07 Datasheet HTML 33Page - SMSC Corporation USB3290_07 Datasheet HTML 34Page - SMSC Corporation USB3290_07 Datasheet HTML 35Page - SMSC Corporation USB3290_07 Datasheet HTML 36Page - SMSC Corporation USB3290_07 Datasheet HTML 37Page - SMSC Corporation USB3290_07 Datasheet HTML 38Page - SMSC Corporation USB3290_07 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
35
Revision 1.5 (11-02-07)
DATASHEET
Figure 8.5 HS Detection Handshake Timing Behavior (HS Mode)
Table 8.7 Reset Timing Values
TIMING
PARAMETER
DESCRIPTION
VALUE
T0
HS Handshake begins. DP pull-up enabled, HS
terminations disabled.
0 (reference)
T1
Device asserts Chirp K on the bus.
T0 < T1 < HS Reset T0 + 6.0ms
T2
Device removes Chirp K from the bus. 1 ms
minimum width.
T0 + 1.0ms < T2 <
HS Reset T0 + 7.0ms
T3
Downstream facing port asserts Chirp K on the
bus.
T2 < T3 < T2+100µs
T4
Downstream facing port toggles Chirp K to Chirp J
on the bus.
T3 + 40µs < T4 < T3 + 60µs
T5
Downstream facing port toggles Chirp J to Chirp K
on the bus.
T4 + 40µs < T5 < T4 + 60µs
T6
Device detects downstream port chirp.
T6
T7
Chirp detected by the device. Device removes DP
pull-up and asserts HS terminations, reverts to HS
default state and waits for end of reset.
T6 < T7 < T6 + 500µs
T8
Terminate host port Chirp K-J sequence (Repeating
T4 and T5)
T9 - 500µs < T8 < T9 - 100µs
T9
The earliest time at which host port may end reset.
The latest time, at which the device may remove
the DP pull-up and assert the HS terminations,
reverts to HS default state.
HS Reset T0 + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com