Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 27Page - SMSC Corporation USB3290_07 Datasheet HTML 28Page - SMSC Corporation USB3290_07 Datasheet HTML 29Page - SMSC Corporation USB3290_07 Datasheet HTML 30Page - SMSC Corporation USB3290_07 Datasheet HTML 31Page - SMSC Corporation USB3290_07 Datasheet HTML 32Page - SMSC Corporation USB3290_07 Datasheet HTML 33Page - SMSC Corporation USB3290_07 Datasheet HTML 34Page - SMSC Corporation USB3290_07 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
31
Revision 1.5 (11-02-07)
DATASHEET
8.6
Suspend Detection
If a HS device detects SE0 asserted on the bus for more than 3ms (T1), it reverts to FS mode. This
enables the FS pull-up on the DP line in an attempt to assert a continuous FS J state on the bus. The
SIE must then check LINESTATE for the J condition. If J is asserted at time T2, then the upstream
port is asserting a soft SE0 and the USB is in a J state indicating a suspend condition. By time T4
the device must be fully suspended.
Figure 8.2 Suspend Timing Behavior (HS Mode)
Table 8.5 Suspend Timing Values (HS Mode)
TIMING
PARAMETER
DESCRIPTION
VALUE
HS Reset T0
End of last bus activity, signaling either a reset
or a SUSPEND.
0 (reference)
T1
The time at which the device must place itself
in FS mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS Reset T0
+ 3.125ms
T2
SIE samples LINESTATE. If LINESTATE = 'J',
then the initial SE0 on the bus (T0 - T1) had
been due to a Suspend state and the SIE
remains in HS mode.
T1 + 100 µs < T2 <
T1 + 875µs
T3
The earliest time where a device can issue
Resume signaling.
HS Reset T0 + 5ms
T4
The latest time that a device must actually be
suspended, drawing no more than the
suspend current from the bus.
HS Reset T0 + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com