Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 34 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 30Page - SMSC Corporation USB3290_07 Datasheet HTML 31Page - SMSC Corporation USB3290_07 Datasheet HTML 32Page - SMSC Corporation USB3290_07 Datasheet HTML 33Page - SMSC Corporation USB3290_07 Datasheet HTML 34Page - SMSC Corporation USB3290_07 Datasheet HTML 35Page - SMSC Corporation USB3290_07 Datasheet HTML 36Page - SMSC Corporation USB3290_07 Datasheet HTML 37Page - SMSC Corporation USB3290_07 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
34
SMSC USB3290
DATASHEET
8.9
HS Detection Handshake – HS Downstream Facing Port
Upon entering the HS Detection process (T0) XCVRSELECT and TERMSELECT are in FS mode. The
DP pull-up is asserted and the HS terminations are disabled. The SIE then sets OPMODE to Disable
Bit Stuffing and NRZI encoding
, XCVRSELECT to HS mode, and begins the transmission of all 0's
data, which asserts a HS K (chirp) on the bus (T1). The device chirp must last at least 1.0ms, and
must end no later than 7.0ms after HS Reset T0. At time T1 the device begins listening for a chirp
sequence from the downstream facing port. If the downstream facing port is HS capable then it will
begin generating an alternating sequence of Chirp K’s and Chirp J’s (T3) after the termination of the
chirp from the device (T2). After the device sees the valid chirp sequence Chirp K-J-K-J-K-J (T6), it
will enter HS mode by setting TERMSELECT to HS mode (T7).
Figure 8.4 provides a state diagram for Chirp K-J-K-J-K-J validation. Prior to the end of reset (T9) the
device port must terminate the sequence of Chirp K’s and Chirp J’s (T8) and assert SE0 (T8-T9). Note
that the sequence of Chirp K’s and Chirp J’s constitutes bus activity.
The Chirp K-J-K-J-K-J sequence occurs too slow to propagate through the serial data path, therefore
LINESTATE signal transitions must be used by the SIE to step through the Chirp K-J-K-J-K-J state
diagram, where "K State" is equivalent to LINESTATE = K State and "J State" is equivalent to
LINESTATE = J State. The SIE must employ a counter (Chirp Count) to count the number of Chirp K
and Chirp J states. Note that LINESTATE does not filter the bus signals so the requirement that a bus
state must be "continuously asserted for 2.5µs" must be verified by the SIE sampling the LINESTATE
signals.
Figure 8.4 Chirp K-J-K-J-K-J Sequence Detection State Diagram
Detect K?
Start Chirp
K-J-K-J-K-J
detection
INC Chirp
Count
K State
!K
Detect J?
INC Chirp
Count
J State
!J
Chirp Count != 6
& !SE0
Chirp Count
= 0
Chirp Count != 6
& !SE0
Chirp Valid
Chirp
Invalid
SE0
Chirp Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com