Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 16Page - SMSC Corporation USB3290_07 Datasheet HTML 17Page - SMSC Corporation USB3290_07 Datasheet HTML 18Page - SMSC Corporation USB3290_07 Datasheet HTML 19Page - SMSC Corporation USB3290_07 Datasheet HTML 20Page - SMSC Corporation USB3290_07 Datasheet HTML 21Page - SMSC Corporation USB3290_07 Datasheet HTML 22Page - SMSC Corporation USB3290_07 Datasheet HTML 23Page - SMSC Corporation USB3290_07 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
20
SMSC USB3290
DATASHEET
The eye pattern in Figure 6.5 defines the receiver sensitivity requirements for a hub (signal applied at
test point TP2 of Figure 6.3) or a device without a captive cable (signal applied at test point TP3 of
Figure 6.3). The corresponding signal levels and timings are given in the table below. Timings are
given as a percentage of the unit interval (UI), which represents the nominal bit duration for a 480
Mbit/s transmission rate.
Figure 6.5 Eye Pattern for Receive Waveform and Eye Pattern Definition
VOLTAGE LEVEL (D+, D-)
TIME (% OF UNIT INTERVAL)
Level 1
575mV
N/A
Level 2
-575mV
N/A
Point 1
0V
15% UI
Point 2
0V
85% UI
Point 3
150mV
35% UI
Point 4
150mV
65% UI
Point 5
-150mV
35% UI
Point 6
-150mV
65% UI
Point 1
0%
100%
Point 2
Level 2
Level 1
Point 3
Point 4
Point 5
Point 6
Differential
-400mV
Differential
400mV
Differential
0 Volt
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com