Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 26Page - SMSC Corporation USB3290_07 Datasheet HTML 27Page - SMSC Corporation USB3290_07 Datasheet HTML 28Page - SMSC Corporation USB3290_07 Datasheet HTML 29Page - SMSC Corporation USB3290_07 Datasheet HTML 30Page - SMSC Corporation USB3290_07 Datasheet HTML 31Page - SMSC Corporation USB3290_07 Datasheet HTML 32Page - SMSC Corporation USB3290_07 Datasheet HTML 33Page - SMSC Corporation USB3290_07 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
Revision 1.5 (11-02-07)
30
SMSC USB3290
DATASHEET
8.4
SE0 Handling
For FS operation, IDLE is a J state on the bus. SE0 is used as part of the EOP or to indicate reset.
When asserted in an EOP, SE0 is never asserted for more than 2 bit times. The assertion of SE0 for
more than 2.5us is interpreted as a reset by the device operating in FS mode.
For HS operation, IDLE is a SE0 state on the bus. SE0 is also used to reset a HS device. A HS
device cannot use the 2.5us assertion of SE0 (as defined for FS operation) to indicate reset since the
bus is often in this state between packets. If no bus activity (IDLE) is detected for more than 3ms, a
HS device must determine whether the downstream facing port is signaling a suspend or a reset. The
following section details how this determination is made. If a reset is signaled, the HS device will then
initiate the HS Detection Handshake protocol.
8.5
Reset Detection
If a device in HS mode detects bus inactivity for more than 3ms (T1), it reverts to FS mode. This
enables the FS pull-up on the DP line in an attempt to assert a continuous FS J state on the bus. The
SIE must then check LINESTATE for the SE0 condition. If SE0 is asserted at time T2, then the
upstream port is forcing the reset state to the device (i.e., a Driven SE0). The device will then initiate
the HS detection handshake protocol.
Figure 8.1 Reset Timing Behavior (HS Mode)
Table 8.4 Reset Timing Values (HS Mode)
TIMING
PARAMETER
DESCRIPTION
VALUE
HS Reset T0
Bus activity ceases, signaling either a reset
or a SUSPEND.
0 (reference)
T1
Earliest time at which the device may place
itself in FS mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS Reset T0
+ 3.125ms
T2
SIE samples LINESTATE. If LINESTATE =
SE0, then the SE0 on the bus is due to a
Reset state. The device now enters the HS
Detection Handshake protocol.
T1 + 100µs < T2 <
T1 + 875µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com