Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 37 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 33Page - SMSC Corporation USB3290_07 Datasheet HTML 34Page - SMSC Corporation USB3290_07 Datasheet HTML 35Page - SMSC Corporation USB3290_07 Datasheet HTML 36Page - SMSC Corporation USB3290_07 Datasheet HTML 37Page - SMSC Corporation USB3290_07 Datasheet HTML 38Page - SMSC Corporation USB3290_07 Datasheet HTML 39Page - SMSC Corporation USB3290_07 Datasheet HTML 40Page - SMSC Corporation USB3290_07 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
37
Revision 1.5 (11-02-07)
DATASHEET
To detect the assertion of the downstream Chirp K's and Chirp J's for 2.5us {TFILT}, the SIE must see
the appropriate LINESTATE signals asserted continuously for 165 CLKOUT cycles.
Figure 8.6 HS Detection Handshake Timing Behavior from Suspend
Table 8.8 HS Detection Handshake Timing Values from Suspend
TIMING
PARAMETER
DESCRIPTION
VALUE
T0
While in suspend state an SE0 is detected on the USB. HS
Handshake begins. D+ pull-up enabled, HS terminations
disabled, SUSPENDN negated.
0 (HS Reset T0)
T1
First transition of CLKOUT. CLKOUT "Usable" (frequency
accurate to ±10%, duty cycle accurate to 50±5).
T0 < T1 < T0 + 5.6ms
T2
Device asserts Chirp K on the bus.
T1 < T2 < T0 + 5.8ms
T3
Device removes Chirp K from the bus. (1 ms minimum width)
and begins looking for host chirps.
T2 + 1.0 ms < T3 <
T0 + 7.0 ms
T4
CLK "Nominal" (CLKOUT is frequency accurate to ±500
ppm, duty cycle accurate to 50±5).
T1 < T3 < T0 + 20.0ms
CLK60
Look for host chirps
Device Chirp K
SUSPENDN
DP/DM
TERMSELECT
TXVALID
SE0
J
CLK power up time
XCVRSELECT
OPMODE 1
OPMODE 0
time
T0
T3
T4
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com