Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB3290
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB3290_07 Datasheet HTML 13Page - SMSC Corporation USB3290_07 Datasheet HTML 14Page - SMSC Corporation USB3290_07 Datasheet HTML 15Page - SMSC Corporation USB3290_07 Datasheet HTML 16Page - SMSC Corporation USB3290_07 Datasheet HTML 17Page - SMSC Corporation USB3290_07 Datasheet HTML 18Page - SMSC Corporation USB3290_07 Datasheet HTML 19Page - SMSC Corporation USB3290_07 Datasheet HTML 20Page - SMSC Corporation USB3290_07 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
17
Revision 1.5 (11-02-07)
DATASHEET
Figure 6.1 Full-Speed Driver VOH/IOH Characteristics for High-speed Capable Transceiver
Figure 6.2 Full-Speed Driver VOL/IOL Characteristics for High-speed Capable Transceiver
Vout (Volts)
VOH
0
0
Drive High
0.698*VOH
Test Limit
Slope = 1/49.5 Ohm
Slope = 1/40.5 Ohm
0.566*VOH
-10.71 * |VOH|
-6.1 * |VOH|
Iout
(mA)
Vout (Volts)
VOH
0
0
Drive Low
Iout
(mA)
22
1.09V
0.434*VOH
Test Limit
Slope = 1/40.5 Ohm
Slope = 1/49.5 Ohm
10.71 * |VOH|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com