Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4012D Datasheet(PDF) 19 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 19 Page - Positronic.

Back Button FS4012D Datasheet HTML 15Page - Positronic. FS4012D Datasheet HTML 16Page - Positronic. FS4012D Datasheet HTML 17Page - Positronic. FS4012D Datasheet HTML 18Page - Positronic. FS4012D Datasheet HTML 19Page - Positronic. FS4012D Datasheet HTML 20Page - Positronic. FS4012D Datasheet HTML 21Page - Positronic. FS4012D Datasheet HTML 22Page - Positronic. FS4012D Datasheet HTML 23Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
0.492
[12.50]
TYP.
0.135 [3.43]
TYP.
X
Y
0.492 [12.50] TYP.
0.218 [5.54] TYP.
0.162 [4.11] TYP.
0.656 [16.66]
TYP.
0.270 [6.86] TYP.
0.270 [6.86]
TYP.
0.054 [1.37]
TYP.
0.108 [2.74] TYP.
0.656 [16.66] TYP.
0.108 [2.74] TYP.
Y
X
0.162 [4.11] TYP.
0.656 [16.66] TYP.
0.216 [5.49] TYP.
0.926 [23.52] TYP.
0.570 [14.48] TYP.
0.034 [0.86]
0.268 [6.81] TYP.
0.926 [23.52] TYP.
0.570 [14.48] TYP.
0.306 [7.77]
0.163 [4.14]
0.216 [5.49]
0.108 [2.74] TYP.
Y
X
0.926 [23.52] TYP.
0.570 [14.48] TYP.
0.306 [7.77]
0.054 [1.37]
0.108 [2.74] TYP.
Y
X
0.926 [23.52] TYP.
0.544 [13.82] TYP.
0.109 [2.77] TYP.
0.055 [1.38] TYP.
0.926 [23.52] TYP.
0.218 [5.52] TYP.
0.109 [2.77] TYP.
0.055 [1.38] TYP.
Y
X
1.250 [31.75] TYP.
0.900 [22.86] TYP.
0.600 [15.24]
0.150 [3.81] TYP.
0.650 [16.51]
0.250 [6.35] TYP.
1.250 [31.75] TYP.
0.265 [6.73] TYP.
0.092 [2.34]
0.652 [16.56]
0.707 [17.95]
0.109 [2.77] TYP.
Y
X
1.250 [31.75] TYP.
0.618 [15.70]
0.055 [1.38] TYP.
0.109 [2.77] TYP.
0.343 [8.71]
0.275 [6.99] TYP.
Y
X
1.250 [31.75] TYP.
0.055 [1.38] TYP.
Y
X
0.109 [2.77] TYP.
0.618 [15.70] TYP.
0.893 [22.68] TYP.
X
Y
Y
X
A
A
A
A
A
A
A
A
A
A
A
A
A
A
13W3
5W1
5W5
3W3/3WK3
9W4
7W2
11W1
17W2
13W6
17W5
21WA4
8W8
2WK2
21W1
RIGHT ANGLE (90°) PRINTED BOARD CONTACT HOLE PATTERN
WITH 0.125 [3.18] Ø POWER CONTACTS
HOLE IDENTIFICATION SHOWN FOR MALE CONNECTOR; USE MIRROR IMAGE FOR FEMALE CONNECTOR.
MOUNT CONNECTOR WITH MATING FACE POSITIONED TO FOLLOW DIRECTION OF ARROWS.
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.045 [1.14] Ø hole for signal contact termination positions.
Suggest 0.145 [3.68] Ø hole for power contact termination positions.
Suggest 0.123±0.003 [3.12] Ø hole for mounting connector with push-on fasteners.
For “A”, “B”,
“X” and “Y”
dimensions, see
chart on page 14.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY PCB MOUNT
Combo-D
D-Sub
Positronic
connectpositronic.com
13
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com