Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4012D Datasheet(PDF) 58 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 58 Page - Positronic.

Back Button FS4012D Datasheet HTML 54Page - Positronic. FS4012D Datasheet HTML 55Page - Positronic. FS4012D Datasheet HTML 56Page - Positronic. FS4012D Datasheet HTML 57Page - Positronic. FS4012D Datasheet HTML 58Page - Positronic. FS4012D Datasheet HTML 59Page - Positronic. FS4012D Datasheet HTML 60Page - Positronic. FS4012D Datasheet HTML 61Page - Positronic. FS4012D Datasheet HTML 62Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 9
1
2
3
4
5
6
7
8
9
10
ACBDP 11W1
F
S
X
11W1
M
S
X
/AA
11
-14
STEP 11 - SPECIAL OPTIONS
FOR SPECIAL OPTIONS, SEE
SPECIAL OPTIONS APPENDIX
ON PAGE 81.
*2 STEP 8 - 2ND CONNECTOR MATING STYLE
0 - Swaged spacer 0.120 [3.05µ] mounting hole
S - Swaged spacer 4-40 UNC-2B threads
*3 E - Rotating male and female jackscrews
(Select 0 in Step 4)
*3 E6 - Rotating male and female polarized jackscrew
(Select 0 in Step 4)
*3 T - Fixed male and female jackscrews
(Select 0 in Step 4)
*3 T6 - Fixed male and female polarized jackscrew
(Select 0 in Step 4)
*5 STEP 6 - 2ND CONNECTOR VARIANT
Select same variant as chosen in STEP 2.
STEP 5 - 1ST CONNECTOR SHELL OPTION
0 – Zinc Plated, with Chromate Seal.
*4 S – Stainless Steel, passivated.
X – Tin Plated.
Z – Tin Plated and Dimpled (male connectors only).
*2 STEP 4 - 1ST CONNECTOR MATING STYLE
0 - Swaged spacer 0.120 [3.05µ] mounting hole
S - Swaged spacer 4-40 UNC-2B threads
*3 E - Rotating male and female jackscrews
(Select 0 in Step 8)
*3 E6 - Rotating male and female polarized jackscrew
(Select 0 in Step 8)
*3 T - Fixed male and female jackscrews
(Select 0 in Step 8)
*3 T6 - Fixed male and female polarized jackscrew
(Select 0 in Step 8)
STEP 2 - CONNECTOR VARIANT
Shell Size 1
5W1
Shell Size 2
3W3, 7W2, 11W1
Shell Size 3
5W5, 9W4, 13W3, 17W2, 21W1
Shell Size 4
8W8, 13W6, 17W5, 21WA4, 25W3, 27W2
Shell Size 5
24W7, 36W4, 43W2, 47W1
Shell Size 6
46W4
STEP
EXAMPLE
STEP 10 - ENVIRONMENTAL
COMPLIANCE OPTIONS
/AA - RoHS Compliant
STEP 9 - 2ND CONNECTOR SHELL OPTION
0 – Zinc Plated, with Chromate Seal.
*4 S – Stainless Steel, passivated.
X – Tin Plated.
Z – Tin Plated and Dimpled (male connectors only).
STEP 7 - 2ND CONNECTOR GENDER
M - Male
STEP 1 - BASIC SERIES
ACBDP – Professional /
Industrial Quality, see Step 3.
ACBMP – Military conformance
with “closed entry” female sig-
nal contacts plated 0.000050
[1.27µ] gold over nickel plate.
Choose “S” or “M” in Step 3.
Note: For high density 8W2, 19W1
and 45W2 variants contact
Technical Sales for availability.
STEP 3 - 1ST CONNECTOR GENDER
F - Female - Professional Level -
Open Entry Signal Contacts
*1M - Male
S - Female - Industrial / Military Level -
PosiBand Closed Entry Signal
Contacts. Military gold plating is
optional.
NOTES
*1 Male option in Step 3 available only on connector variants 5W1, 3W3, 7W2, 11W1,17W2,
21W1, 21WA4, 27W2, 24W7, 46W4.
*2 Connector mating style for both connectors must be the same if 0 or S is used. If E, E6,
T or T6 is used in either Step 4 or 8 the other step must be 0.
*3 For hardware information, see page 59.
*4 For stainless steel dimpled male versions, contact Technical Sales.
*5 Connector variant for both connectors must be the same.
NOTE: If compliance to environmental
legislation is not required, this
step will not be used. Example:
ACBDP11W1FSX11W1MSX
60
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
COMBO-D
CONNECTOR SAVERS
GENDER CHANGERS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com