Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4012D Datasheet(PDF) 66 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 66 Page - Positronic.

Back Button FS4012D Datasheet HTML 62Page - Positronic. FS4012D Datasheet HTML 63Page - Positronic. FS4012D Datasheet HTML 64Page - Positronic. FS4012D Datasheet HTML 65Page - Positronic. FS4012D Datasheet HTML 66Page - Positronic. FS4012D Datasheet HTML 67Page - Positronic. FS4012D Datasheet HTML 68Page - Positronic. FS4012D Datasheet HTML 69Page - Positronic. FS4012D Datasheet HTML 70Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
REMOVABLE CONTACT TECHNICAL CHARACTERISTICS
SIZE 22 REMOVABLE CONTACT
MATERIALS AND FINISHES:
Precision machined copper alloy with gold flash over nickel. Other
finishes are available, see pages 69 and 81 for optional finishes.
MECHANICAL CHARACTERISTICS:
Insert contact to rear face of insulator, release from rear face of insulator.
Size 22 contacts, 0.030 inch [0.76 mm] mating diameter male contacts.
Female PosiBand closed entry contact design. Terminations for 20, 22,
24, 26, 28, and 30 AWG. Closed barrel crimp.
ELECTRICAL CHARACTERISTICS:
Contact Current Rating:
5 amperes nominal.
Initial Contact Resistance:
0.010 ohms maximum.
THERMOCOUPLE CONTACTS:
Straight and right angle (90°) PCB mount contacts are available,
contact Technical Sales for details.
Size 22 crimp contacts are available, see page 71 for details.
SIZE 20 REMOVABLE CONTACT
MATERIALS AND FINISHES:
Precision machined copper alloy with gold flash over nickel. Other
finishes are available, see pages 69 and 81 for optional finishes.
MECHANICAL CHARACTERISTICS:
Insert contact to rear face of insulator, release from rear face of
insulator. Size 20 contacts, 0.040 inch [1.02 mm] mating diameter
male contacts. Female PosiBand closed entry or rugged open entry
contact design.
ELECTRICAL CHARACTERISTICS:
Contact Current Rating:
7.5 amperes nominal.
Initial Contact Resistance:
0.008 ohms max. per IEC 60512-2,
test 2b.
THERMOCOUPLE CONTACTS:
Straight and right angle (90°) PCB mount contacts are available, contact
Technical Sales for details.
Size 20 crimp contacts are available, see page 74 for details.
SIZE 16 REMOVABLE CONTACT
MATERIALS AND FINISHES:
STANDARD:
Precision machined copper alloy with gold
flash over nickel. Other finishes are available,
see pages 69 and 81 for optional finishes.
HIGH CONDUCTIVITY: High conductivity copper alloy, gold flash
over nickel. Other finishes are available, see
pages 69 and 81 for optional finishes.
MECHANICAL CHARACTERISTICS:
STANDARD AND
HIGH CONDUCTIVITY: Insert contact to rear face of insulator,
release from front face of insulator. Size 16
contacts, 0.0625 inch [1.588mm] mating
. . . continued on next page
diameter male contacts. Female PosiBand
closed entry contact design. Terminations for
12, 14, 16, 18, 20, 22, 24, 26, and 28 AWG.
ELECTRICAL CHARACTERISTICS:
Contact Current Rating - Tested per UL 1977:
Standard Contact Material:
28 amperes.
High Conductivity Contact Material:
40 amperes.
See Temperature Rise Curves on page 2 for details.
Initial Contact Resistance:
Standard Contact Material:
0.0016 ohms max. Per IEC 60512-
2, Test 2b.
High Conductivity
Contact Material:
0.001 ohms max. Per IEC 60512-2,
Test 2b.
SIZE 8 REMOVABLE CONTACT
MATERIALS AND FINISHES:
STANDARD:
Precision machined copper alloy with gold
flash over nickel. Other finishes are available,
see pages 69 and 81 for optional finishes.
HIGH CONDUCTIVITY: High conductivity copper alloy, gold flash
over nickel. Other finishes are available, see
pages 69 and 81 for optional finishes.
HIGH VOLTAGE:
Insulator Material:
PTFE teflon
Contacts:
Precision machined copper alloy with
0.000030 inch [0.76µ] gold over nickel. Other
finishes are available, see pages 69 and 81
for optional finishes.
SHIELDED:
Dielectric Material:
PTFE teflon
Inner Contacts:
Precision machined copper alloy with
0.000030 inch [0.76µ] gold over nickel. Other
finishes are available, see pages 69 and 81
for optional finishes.
Outer Contacts:
Precision machined copper alloy with gold
flash over nickel. Other finishes are available,
see pages 69 and 81 for optional finishes.
AIR LINE COUPLER:
Stainless steel, see page 80.
MECHANICAL CHARACTERISTICS:
STANDARD AND
HIGH CONDUCTIVITY: Insert contact to rear face of insulator,
release from front face of insulator. Size
8 contacts, 0.142 inch [3.61 mm] mating
diameter male contacts, closed entry
female contacts.
HIGH VOLTAGE:
Insert contact to rear face of insulator,
release from front face of insulator. Size
8 contacts. Straight and right angle (90°)
terminations. 0.041 inch [1.04 mm] minimum
hole diameter.
Durability:
500 cycles minimum.
Vibration:
20g from 10 Hz to 500 Hz.
Shock:
30g-11ms.
68
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com
For information regarding crimp tool and crimping tool techniques, see Application Tools section, page 82.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com