Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4012D Datasheet(PDF) 8 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 8 Page - Positronic.

Back Button FS4012D Datasheet HTML 4Page - Positronic. FS4012D Datasheet HTML 5Page - Positronic. FS4012D Datasheet HTML 6Page - Positronic. FS4012D Datasheet HTML 7Page - Positronic. FS4012D Datasheet HTML 8Page - Positronic. FS4012D Datasheet HTML 9Page - Positronic. FS4012D Datasheet HTML 10Page - Positronic. FS4012D Datasheet HTML 11Page - Positronic. FS4012D Datasheet HTML 12Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
100
CBD8W8 with
*C4008DS
CBD8W8 with
*C4008D
TEMPERATURE RISE (ºC)
Test conducted in accordance with UL1977.
All power contacts under load.
Standard Material:
Curve developed using a mated CBD8W8F
loaded with FC4008D contacts and
CBD8W8M loaded with MC4008D contacts
terminated to 8 AWG wire.
High Conductivity:
Curve developed using a mated CBD8W8F
loaded with FC4008DS contacts and
CBD8W8M loaded with MC4008DS con-
tacts terminated to
8 AWG wire.
* indicates contact gender
TEMPERATURE RISE CURVE FOR STANDARD AND
HIGH CONDUCTIVITY CONTACT MATERIAL
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
100
CBD3W3 with
*C4008DS
CBD3W3 with
*C4008D
TEMPERATURE RISE (ºC)
Test conducted in accordance with UL1977.
All power contacts under load.
Standard Material:
Curve developed using a mated CBD3W3F
loaded with FC4008D contacts and
CBD3W3M loaded with MC4008D contacts
terminated to 8 AWG wire.
High Conductivity:
Curve developed using a mated CBD3W3F
loaded with FC4008DS contacts and
CBD3W3M loaded with MC4008DS con-
tacts terminated to
8 AWG wire.
* indicates contact gender
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
40
45
TEMPERATURE RISE (ºC)
CBCD8W2 with
*C112N(4)S/AA
CBCD8W2 with
*C112N(4)/AA
Test conducted in accordance with UL1977.
All power contacts under load.
Standard Material:
Curve developed using a mated
CBCD8W2M loaded with
MC112N/AA-133.0 contacts and
CBCD8W2S loaded with FC112N4/AA con-
tacts terminated to 12 AWG wire.
High Conductivity:
Curve developed using a mated
CBCD8W2M loaded with
MC112NS-133.0 contacts and CBCD8W2S
loaded with FC112N4S/AA contacts termi-
nated to 12 AWG wire.
3W3
8W8
HIGH DENSITY 8W2
2
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
GENERAL INFORMATION
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com