Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4012D Datasheet(PDF) 61 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 61 Page - Positronic.

Back Button FS4012D Datasheet HTML 57Page - Positronic. FS4012D Datasheet HTML 58Page - Positronic. FS4012D Datasheet HTML 59Page - Positronic. FS4012D Datasheet HTML 60Page - Positronic. FS4012D Datasheet HTML 61Page - Positronic. FS4012D Datasheet HTML 62Page - Positronic. FS4012D Datasheet HTML 63Page - Positronic. FS4012D Datasheet HTML 64Page - Positronic. FS4012D Datasheet HTML 65Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
0.864 [21.95]
0.336 [8.53]
Ø0.233 [5.92]
Ø0.142 [3.61]
0.865 [21.97]
0.336 [8.53]
Ø0.233 [5.92]
0.624
[15.85]
COMBO-D CONNECTORS WITH
*1 100 AMP HIGH CURRENT REMOVABLE CRIMP POWER CONTACT
ELECTRICAL CHARACTERISTICS:
POWER CONTACTS
Contact Current Rating:
See Temperature Rise Curve on
page 64.
Initial Contact Resistance:
0.0003 ohms max. per IEC 60512-2,
Test 2b.
Proof Voltage:
1900 V r.m.s.
Working Voltage:
450 V r.m.s.
MECHANICAL CHARACTERISTICS:
Size 8 Removable
Contacts:
Rear insertion, front release.
Durability:
500 cycles minimum.
Vibration:
20g from 10 Hz to 500 Hz.
Shock:
30g-11ms.
TECHNICAL CHARACTERISTICS
HIGH CONDUCTIVITY SIZE 8 CONTACTS
WHICH CAN BE TERMINATED TO 6 AWG
WIRE ALLOW VERY HIGH CURRENTS
TO BE CARRIED THROUGH COMBO-D
TYPE CONNECTORS.
MATERIAL: High conductivity copper alloy.
PLATING:
STANDARD FINISH: Gold flash over nickel plate.
OPTIONAL FINISHES: 0.000030 [0.76 µ] gold over nickel by adding “-14” suffix
onto part number. Example: FC4006D-14
0.000050 inch [1.27µ] gold over nickel by adding “-15”
suffix onto part number. Example: MC4006D-15.
FC4006D
MC4006D
MATERIALS AND FINISHES:
Contacts:
High conductivity copper alloy.
Plating:
Standard Finish:
Gold flash over nickel plate.
Optional Finishes:
0.000030 [0.76 µ] gold over nickel by
adding “-14” suffix onto part number.
Example: FC4006D-14
0.000050 inch [1.27µ] gold over nickel by
adding “-15” suffix onto part number.
Example: MC4006D-14
CLIMATIC CHARACTERISTICS:
Temperature Range:
-55˚C to +125˚C.
*1 per UL 1977 Testing
100 AMP HIGH CURRENT REMOVABLE CRIMP POWER CONTACT
CONTACTS USED WITH 6 AWG WIRE
6 AWG [16.0mm2] max.
*1 CONTACTS ORDERED SEPARATELY
SIZE 8
*2 FEMALE CONTACT
“CLOSED ENTRY” DESIGN, L.S.A.
MALE CONTACT
*2 NOTE: Female contacts feature Large Surface Area (L.S.A.)
closed entry contact design which provides maximum
mating surfaces between male and female contact and
reduced contact resistance during operation.
Note: Connectors can be kitted with
all applicable removable contacts,
contact Technical Sales for
connector part number.
63
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
UNIQUE FEATURES
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com