Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4012D Datasheet(PDF) 48 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 48 Page - Positronic.

Back Button FS4012D Datasheet HTML 44Page - Positronic. FS4012D Datasheet HTML 45Page - Positronic. FS4012D Datasheet HTML 46Page - Positronic. FS4012D Datasheet HTML 47Page - Positronic. FS4012D Datasheet HTML 48Page - Positronic. FS4012D Datasheet HTML 49Page - Positronic. FS4012D Datasheet HTML 50Page - Positronic. FS4012D Datasheet HTML 51Page - Positronic. FS4012D Datasheet HTML 52Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 8
STEP 3 - CONNECTOR GENDER
M - Male
S - Female - PosiBand Closed Entry Signal Contacts
1
2
3
4
5
6
7
8
9
CBCD
8W2
S
0
0
0
0
S
/AA
10
-14
STEP 8 - SHELL OPTIONS
0 – Zinc Plated, with Chromate Seal.
*5 S – Stainless Steel, passivated.
X – Tin Plated.
Z – Tin Plated and Dimpled (male connectors only).
*3 STEP 6 - HOODS AND PUSH-ON FASTENERS
0 – None
AN – Lightweight Aluminum Hood, nickel finish.
AC – Lightweight Aluminum Hood, no finish.
H – Hood, Top Opening, Metal
*4 G – Hood, EMI/RFI, Die Cast Zinc
Z – Hood, Top or Side Opening, robust extended height, plastic
and composite, with rotating male jackscrews
*3 STEP 5 - MOUNTING STYLE
0 – Mounting Hole, 0.120 [3.05] Ø
02 – Mounting Hole, 0.154 [3.91] Ø
F – Float Mounts, Universal
S2 – Swaged Spacer, 4-40 Threads, 0.125 [3.18] Length
S5 – Swaged Locknut, 4-40 Threads
STEP 4 - CONTACT TERMINATION TYPE
0 – Connector ordered without contacts. Order signal,
power, thermocouple, shielded, high voltage or air
contacts separately. See pages 68-80 for contact
part numbers.
1 – Signal contacts, 22 AWG-30 AWG [0.03mm2-0.05mm2].
*2 11 – Signal contacts, 22 AWG-30 AWG [0.03mm2-0.05mm2]
with MC/FC 4012D power contact.
*2 12 – Signal contacts, 22 AWG-30 AWG [0.03mm2-0.05mm2]
with MC/FC 4016D power contact.
*2 13 – Signal contacts, 22 AWG-30 AWG [0.03mm2-0.05mm2]
with MCC/FCC 4101D shielded contacts.
*2 14 – Signal contacts, 22 AWG-30 AWG [0.03mm2-0.05mm2]
with MCC/FCC 4102D shielded contacts.
STEP 2 - CONNECTOR VARIANTS
Shell Size 1 - 8W2
Shell Size 2 - 19W1
*1 Shell Size 4 - 45W2
STEP
STEP 9 - ENVIRONMENTAL
COMPLIANCE OPTIONS
/AA - RoHS Compliant
*3 STEP 7 - LOCKING AND POLARIZING SYSTEMS
0
– None.
V3 – Lock Tab, connector front panel mounted.
V5 – Lock Tab, connector rear panel mounted.
VL – Lock Lever, used with Hoods only.
T
– Fixed Female Jackscrews.
T2 – Fixed Female Jackscrews.
T6 – Fixed Male and Female Polarized Jackscrews.
E
– Rotating Male Jackscrews.
E2 – Rotating Male Screw Locks.
E3 – Rotating Male with Internal Hex for 3/32 Hex Drives
E6 – Rotating Male and Female Polarized Jackscrews.
NOTE: If compliance to environmental
legislation is not required, this step will not be
used. Example: CBCD8W2S0000S
EXAMPLE
STEP 1 - BASIC SERIES
CBCD Series
*3 STEP 10 - SPECIAL OPTIONS
FOR SPECIAL OPTIONS, SEE
SPECIAL OPTIONS APPENDIX
ON PAGE 81.
NOTES
*1 45W2 variant currently available in female only.
*2 Available on 19W1 and 45W2 connectors only.
*3 For additional information on accessories listed in steps
5, 6, 7 and 10, see Accessory Catalog.
*4 When using G hood with CBCD variants, use the extended height hood.
See Accessories Catalog for extended G hood options.
*5 For stainless steel dimpled male versions, contact Technical Sales.
For crimping information and crimp tools,
see Application Tools section, page 82.
2D Drawing
3D Model
NOTE: If you would like a 2D drawing or 3D model, once you’ve made
your connector selection, please visit www.connectpositronic.com.
If you can’t find your specific part number on our web site, contact
Technical Sales to have one created.
42
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
HIGH DENSITY CRIMP / SOLDER REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com