Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4012D Datasheet(PDF) 55 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 55 Page - Positronic.

Back Button FS4012D Datasheet HTML 51Page - Positronic. FS4012D Datasheet HTML 52Page - Positronic. FS4012D Datasheet HTML 53Page - Positronic. FS4012D Datasheet HTML 54Page - Positronic. FS4012D Datasheet HTML 55Page - Positronic. FS4012D Datasheet HTML 56Page - Positronic. FS4012D Datasheet HTML 57Page - Positronic. FS4012D Datasheet HTML 58Page - Positronic. FS4012D Datasheet HTML 59Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
ACBDP and ACBMP series connectors are suitable
for use in any applications requiring high performance
characteristic. The normal density ACBDP and
ACBMP series are available in standard Combo-D
connector variants.
ACBDP and ACBMP series connectors utilize
precision machined contacts for strength and
durability.
The ACBDP female contact features a
rugged “Open Entry” design or PosiBand “Closed
Entry” design for even higher reliability. ACBMP
connectors features PosiBand “Closed Entry”
contacts and military contact plating.
ACBDP and ACBMP series connectors can
be mated to a connector which would normally
experience high numbers of mating cycles. The
ACBDP/ACBMP connector can be easily replaced,
“Saving” a connector which is not easily replaced.
These connectors can also be used as a “gender
changer”. Connector Savers are also available in
standard and high density D-subminiature versions,
please consult our Professional, Industrial and Military
Performance D-subminiature Connectors catalog for
more information.
For high density 8W2, 19W1 and 45W2 adapter
variants contact Technical Sales.
TECHNICAL CHARACTERISTICS
MATERIALS AND FINISHES:
Insulator:
Glass filled polyester per ASTM D 5927
UL 94V-0, blue color.
SIGNAL CONTACTS:
ACBDP Series:
Precision machined high tensile copper alloy
open entry design.
ACBMP Series:
Precision machined copper alloy PosiBand
closed entry design.
POWER CONTACTS:
Precision machined copper alloy closed entry
design.
Contact Plating:
ACBDP Series:
Gold flash over nickel plate.
ACBMP Series:
0.000050 [1.27µ] gold over nickel plate.
Shells:
Steel with tin plate; zinc plate with chromate
seal; stainless steel passivated. Other
materials and finishes available upon request.
Jackscrew Systems:
Brass or steel with zinc plate and chromate seal
or clear zinc plate or tin plate; stainless steel,
passivated.
Non-magnetic versions are available, contact Technical Sales.
MECHANICAL CHARACTERISTICS:
FIXED CONTACTS:
SIGNAL CONTACTS: Size 20 contacts, male - 0.040 inch [1.02 mm]
diameter. ACBDP series has female open entry
contact or PosiBand closed entry contacts
optional, see page 69 for details.
ACBMP series offer female PosiBand closed
entry contacts.
POWER CONTACTS:
Size 8 contacts, male - 0.142 inch [3.61 mm]
diameter. Female contact features Large
Surface Area (L.S.A.) closed entry contact
design utilizing BeCu mechanical retention
member.
Professional Quality Connectors
ACBDP Series
Size 20 “Open Entry” or
PosiBand® “Closed Entry”
Contact Design
Industrial /Military Quality Connectors
- ACBMP Series
Size 20 PosiBand®
“Closed Entry” Contact Design
Connector Saver
continued on next page. . . .
COMBO-D
CONNECTOR SAVERS
GENDER CHANGERS
Combo-D
D-Sub
Positronic
connectpositronic.com
57
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com