Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS4012D Datasheet(PDF) 7 Page - Positronic.

Part # FS4012D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4012D Datasheet(HTML) 7 Page - Positronic.

Back Button FS4012D Datasheet HTML 3Page - Positronic. FS4012D Datasheet HTML 4Page - Positronic. FS4012D Datasheet HTML 5Page - Positronic. FS4012D Datasheet HTML 6Page - Positronic. FS4012D Datasheet HTML 7Page - Positronic. FS4012D Datasheet HTML 8Page - Positronic. FS4012D Datasheet HTML 9Page - Positronic. FS4012D Datasheet HTML 10Page - Positronic. FS4012D Datasheet HTML 11Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
TEMPERATURE RISE CURVES FOR SIZE 8, 10 AND 12 AWG WIRE
Test conducted in accordance with UL1977.
All power contacts under load.
MC4008D:
Curve developed using a mated CBD7W2F57
8 AWG
and CBC7W2M loaded with MC4008D contacts
terminated to 8 AWG wire.
MC4010D:
Curve developed using a mated CBD7W2F36
10 AWG
and CBC7W2M loaded with MC4010D contacts
terminated to 10 AWG wire.
MC4012D:
Curve developed using a mated CBD7W2F55
12 AWG
and CBC7W2M loaded with MC4012D contacts
terminated to 12 AWG wire.
7W2
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
100
CBD8W8
with 8 AWG
CBD8W8
with 10 AWG
140
CBD8W8
with 12 AWG
TEMPERATURE RISE (ºC)
Test conducted in accordance with UL1977.
All power contacts under load.
MC4008D:
Curve developed using a mated CBD8W8F57
8 AWG
and CBC8W8M loaded with MC4008D contacts
terminated to 8 AWG wire.
MC4010D:
Curve developed using a mated CBD8W8F36
10 AWG
and CBC8W8M loaded with MC4010D contacts
terminated to 10 AWG wire.
MC4012D:
Curve developed using a mated CBD8W8F55
12 AWG
and CBC8W8M loaded with MC4012D contacts
terminated to 12 AWG wire.
8W8
Test conducted in accordance with UL1977.
All power contacts under load.
MC4008D:
Curve developed using a mated CBD21WA4F57
8 AWG
and CBC21WA4M loaded with MC4008D contacts
terminated to 8 AWG wire.
MC4010D:
Curve developed using a mated CBD21WA4F36
10 AWG
and CBC21WA4M loaded with MC4010D contacts
terminated to 10 AWG wire.
MC4012D:
Curve developed using a mated CBD21WA4F55
12 AWG
and CBC21WA4M loaded with MC4012D contacts
terminated to 12 AWG wire.
21WA4
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
100
140
CBD21WA4
with 8 AWG
CBD21WA4
with 10 AWG
CBD21WA4
with 12 AWG
TEMPERATURE RISE (ºC)
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
100
140
CBD7W2
with 8 AWG
CBD7W2
with 10 AWG
CBD7W2
with 12 AWG
TEMPERATURE RISE (ºC)
1
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
GENERAL INFORMATION
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com