Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZA-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL6332ACCZA-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZA-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL6332ACCZA-R7 Datasheet HTML 22Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 23Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 24Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 25Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 26Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 27Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 28Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 29Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
Data Sheet
ADL6332
THEORY OF OPERATION
analog.com
Rev. A | 26 of 55
The ADL6332 integrates two amplifiers with fixed gain (AMP1 ≈ 12
dB and AMP2 ≈ 10 dB) and a DSA, which is adjustable from 0
dB to 24 dB in 1 dB step. The AMP1 and AMP2 have a bypass
attenuation mode, which allows to disable these amplifiers individu-
ally and route the RF signals through the fixed 12 dB attenuators.
When an amplifier is configured in the bypass attenuation mode,
the gain drops by approximately 24 dB for AMP1 and 22 dB for
AMP2 (delta gain from AMP enabled to bypass attenuation mode);
therefore, enabling an overall gain control range of 70 dB in 1 dB
step when used with the 24 dB DSA.
Additionally, in the bypass attenuation mode, the amplifiers’ current
drops to almost zero.
All circuit blocks of the ADL6332, as shown in Figure 93, are
programmable through the SPI.
RF INPUT AND OUTPUT
The ADL6332 input impedance is 50 Ω single-ended, and the
output impedance is 50 Ω differential, which provides an interface
from a 50 Ω single-ended LNA to RF-ADCs with 50 Ω differential
input impedance in a signal chain without any matching networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com