Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZA-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL6332ACCZA-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZA-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL6332ACCZA-R7 Datasheet HTML 11Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 12Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 13Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 14Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 15Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 16Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 17Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 18Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
Data Sheet
ADL6332
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 15 of 55
Figure 30. OIP2L vs. Frequency at Various DSA Values
Figure 31. OIP2H vs. Frequency at Various DSA Values, Tone Spacing Equals
to 1010 MHz
Figure 32. OIP2L vs. Frequency at Various DSA Values, AMP1 Bypass
Figure 33. OIP2H vs. Frequency at Various DSA Values, AMP1 Bypass, Tone
Spacing Equals to 1010 MHz
Figure 34. OIP2L vs. Input Power per Tone for Various Temperatures at 600
MHz, 2000 MHz, and 8000 MHz
Figure 35. Third Harmonic Distortion (HD3) vs. Frequency for Various
Supplies, Output Power Equals to −7 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com