Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZA-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL6332ACCZA-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZA-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL6332ACCZA-R7 Datasheet HTML 27Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 28Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 29Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 30Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 31Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 34Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Data Sheet
ADL6332
PROGRAMMABILITY GUIDE
analog.com
Rev. A | 31 of 55
Table 13. Register 0x10B: State B (Continued)
Bits
Bit Name
Description
Reset
Access
1: 1 dB
...
16: 16 dB
...
24: 24 dB
Table 14. Register 0x10C: State C
Bits
Bit Name
Description
Reset
Access
7
AMP2_BYPASS2
Amp 2 Bypass State C Setting.
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
6
AMP1_BYPASS2
Amp 1 Bypass State C Setting.
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
[5:0]
DSA_ATTN2
DSA Attenuator State C Setting.
0x8
R/W
0: 0 dB
1: 1 dB
...
8: 8 dB
...
24: 24 dB
Table 15. Register 0x10D: State D
Bits
Bit Name
Description
Reset
Access
7
AMP2_BYPASS3
Amp 2 Bypass State D Setting.
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
6
AMP1_BYPASS3
Amp 1 Bypass State D Setting.
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
[5:0]
DSA_ATTN3
DSA Attenuator State D Setting.
0x0
R/W
0: 0 dB
1: 1 dB
...
24: 24 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com