Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZA-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADL6332ACCZA-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZA-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADL6332ACCZA-R7 Datasheet HTML 31Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 34Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 35Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 36Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 37Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 38Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
Data Sheet
ADL6332
BASIC CONNECTIONS
analog.com
Rev. A | 35 of 55
Figure 95. Basic Connections
Table 18. Basic Connections
Functional Blocks
Pin No.
Mnemonic
Description
Basic Connection
3.3 V
8, 9, 10, 11
V33AMP1A, V33AMP1,
V33AMP2A, V33AMP2
Amplifier, analog supply voltage
Decouple this pin through 220 pF, 0.1 µF
capacitors to ground. Ensure that the de-
coupling capacitors are located close to the
pin.
3.3 V
22
V33FUSE
Digital, DSA, other bias voltage
Decouple this pin through 220 pF, 0.1 µF
capacitors to ground. Ensure that the de-
coupling capacitors are located close to the
pin.
Preprogrammed Mode
13, 6
ATTSEL0, ATTSEL1
Preprogrammed mode selection
RF Input
3
RFIN
RF single-ended input
50 Ω single-ended input. AC-coupled is al-
ways recommended.
RF Output
15, 16
RFOUTN, RFOUTP
RF differential output
50 Ω differential outputs. AC-coupled is al-
ways recommended.
Serial Port
21
CSB
Active-low chip select
1.8 V to 3.3 V tolerant logic levels.
20
SCLK
SPI clock
1.8 V to 3.3 V tolerant logic levels.
18
SDO
SPI data input
1.8 V to 3.3 V tolerant logic levels.
19
SDIO
SPI date input/output
1.8 V to 3.3 V tolerant logic levels.
Chip Address Selection
23, 24, 1
CA0, CA1, CA2
SPI chip address selects
Chip address selection.
Device Enable
12
ENP
Active-high for normal operation
Ground
2, 4, 5, 14, 17
GND
Ground
Connect these pins to the ground of the
printed circuit board.
EPAD
Exposed pad
Exposed pad
Exposed pad
Exposed pad. The exposed pad must be
connected to ground for electrical and ther-
mal purposes.
MUXOUT
7
MUXOUT
Analog voltage output from the tempera-
ture sensor
Voltage measurement pin for reading chip
temperature. Leave as no connect when
not in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com