Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZA-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADL6332ACCZA-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZA-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADL6332ACCZA-R7 Datasheet HTML 28Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 29Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 30Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 31Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 34Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 35Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Data Sheet
ADL6332
PROGRAMMABILITY GUIDE
analog.com
Rev. A | 32 of 55
AUXILIARY MUX OUT/TEMPERATURE
SENSOR
The ADL6332 has multiple auxiliary mux control blocks that allow
various modes of operation and monitoring point. All are available,
but many parameters are used for monitoring during the manufac-
turing process by ADI. The default (reset) register configuration
allows to monitor an internal voltage that is proportional to tem-
perature, which can be used to track temperature changes from
MUXOUT pin 7. If there is no need to use the temperature sensor
feature, it may be disabled by setting zeros in AMUX_BG_EN[4]
and LDO18_EN[0] at 0x100 register.
NVM (FUSE) SPACE (REFERENCE ONLY)
Non-volatile memory (NVM) space is invisible but values from NVM
are loaded to registers 0x140, 0x141, 0x142, 0x143, 0x144, 0x145
(Table 16), and these values are used when the MSB in registers
0x104, 0x105, 0x106 for AMP1 and 0x110, 0x111, 0x112 for AMP2
is 1 (default/reset).
Table 16. NVM Register
Reg.
Address
Reg. Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x140
FUSE_REA
DBACK_0
[7:0]
RESERVED
TRM_AMP1_IGREF_RDBK
0x141
FUSE_REA
DBACK_1
[7:0]
RESERVED
TRM_AMP1_IDREF_Z_RDBK
0x142
FUSE_REA
DBACK_2
[7:0]
RESERVED
TRM_AMP1_IDREF_P_RDBK
0x143
FUSE_REA
DBACK_3
[7:0]
RESERVED
TRM_AMP2_IGREF_RDBK
0x144
FUSE_REA
DBACK_4
[7:0]
RESERVED
TRM_AMP2_IDREF_Z_RDBK
0x145
FUSE_REA
DBACK_5
[7:0]
RESERVED
TRM_AMP2_IDREF_P_RDBK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com