Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZA-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADL6332ACCZA-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZA-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADL6332ACCZA-R7 Datasheet HTML 26Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 27Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 28Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 29Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 30Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 31Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Data Sheet
ADL6332
PROGRAMMABILITY GUIDE
analog.com
Rev. A | 30 of 55
RF PATH PRECONFIGURATION
ADL6332 has four preconfigurable RF gain settings, which are
selected with the ATTSEL0 and ATTSEL1 pins. The configurable
parameters (fixed gain or bypass attenuation mode in AMP1 and
AMP2, and DSA attenuation level) are stored in four register
spaces (Table 11, Table 12, Table 13, Table 14, Table 15), which are
called RF State A, B, C, and D.
- State A: SIG_PATH0_2 in Register 0x10A
- State B: SIG_PATH1_2 in Register 0x10B
- State C: SIG_PATH2_2 in Register 0x10C
- State D: SIG_PATH3_2 in Register 0x10D
Each mode can configure the full RF chain after reset is asserted.
Table 11 shows the default settings for each mode. Overwrite the
parameters before or during operation.
This feature allows to switch the RF performance rapidly using
asynchronous external control.
Table 11. Four Preconfiguration Registers with Default/Reset RF Parameters
RF
State
ATTSEL1
(Pin 6)
ATTSEL0
(Pin 13)
Reg.
Address
Reg. Name
Bits
Bit 7
Bit 6
Bits[5:0], DSA Setting 0 dB to 24.0 dB at 1.0 dB
Step
AMP2 Setting:
Bypass
Attenuation/
Fixed Gain
AMP1 Setting:
Bypass
Attenuation/
Fixed Gain
A
0
0
0x10A
SIG_PATH0
_2
[7:0]
Default =
Bypass
Attenuation
Default =
Bypass
attenuation
Default = 24.0 dB Attenuation
B
0
1
0x10B
SIG_PATH1
_2
[7:0]
Default = Fixed
Gain
Default = Fixed
Gain
Default = 16.0 dB Attenuation
C
1
0
0x10C
SIG_PATH2
_2
[7:0]
Default = Fixed
Gain
Default = Fixed
Gain
Default = 8.0 dB Attenuation
D
1
1
0x10D
SIG_PATH3
_2
[7:0]
Default = Fixed
Gain
Default = Fixed
Gain
Default = 0.0 dB Attenuation
Table 12. Register 0x10A: State A
Bits
Bit Name
Description
Reset
Access
7
AMP2_BYPASS0
Amp 2 Bypass State A Setting.
0x1
R/W
0: Fixed gain mode
1: Bypass attenuation mode
6
AMP1_BYPASS0
Amp 1 Bypass State A Setting.
0x1
R/W
0: Fixed gain mode
1: Bypass attenuation mode
[5:0]
DSA_ATTN0
DSA Attenuator State A Setting.
0x18
R/W
0: 0 dB
1: 1 dB
2: 2 dB
...
24: 24 dB
Table 13. Register 0x10B: State B
Bits
Bit Name
Description
Reset
Access
7
AMP2_BYPASS1
Amp 2 Bypass State B Setting.
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
6
AMP1_BYPASS1
Amp 1 Bypass State B Setting.
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
[5:0]
DSA_ATTN1
DSA Attenuator State B Setting.
0x10
R/W
0: 0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com