Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZA-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADL6332ACCZA-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZA-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADL6332ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 34Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 35Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 36Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 37Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 38Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 39Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Data Sheet
ADL6332
APPLICATIONS INFORMATION
analog.com
Rev. A | 36 of 55
CURRENT CONSUMPTION OPTIMIZATION
When the MSB in 0x104, 0x105, and 0x106 registers for AMP1 and
0x110, 0x111, and 0x112 registers for AMP2 are set to 0, these six
registers are tunable. If a lower current consumption is needed, the
settings of both AMP1_IGREF in Register 0x104 and AMP2_IGREF
in Register 0x110 can be reduced according to the readback value
of factory trimmed IGREF in Register 0x140 and Register 0x143 for
AMP1 and AMP2, respectively (see Figure 96 and Figure 97). As
a result, the OIP3 performance is degraded, as shown in Figure 98
and Figure 99.
It is not recommended to increase the IGREF settings greater than
the readback value for AMP1 and AMP2. Doing so could impact the
long term reliability of the part.
Figure 96. Total Current vs. IGREF Settings for Various Frequencies
(ADL6332-A)
Figure 97. Total Current vs. IGREF Settings for Various Frequencies
(ADL6332-B)
Figure 98. OIP3 vs. IGREF Settings for Various Frequencies (ADL6332-A)
Figure 99. OIP3 vs. IGREF Settings for Various Frequencies (ADL6332-B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com