Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZA-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADL6332ACCZA-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZA-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADL6332ACCZA-R7 Datasheet HTML 35Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 36Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 37Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 38Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 39Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 40Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 41Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 42Page - Analog Devices ADL6332ACCZA-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Data Sheet
ADL6332
REGISTER SUMMARY
analog.com
Rev. A | 39 of 55
Table 19. Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x112 SIG_PATH3_3
[7:0]
NVM_TRM_
AMP2_IDRE
F_P
RESERVED
AMP2_IDREF_P
0x83
R/W
0x113 SIG_PATH4_3
[7:0]
RESERVED
AMP2_CROSS_Z
0x2A
R/W
0x114 SIG_PATH5_3
[7:0]
RESERVED
AMP2_CROSS_P
0x03
R/W
0x115 SIG_PATH6_3
[7:0]
SPARE_011B
AMP2_IM3_CAP
0x07
R/W
0x120 AMUX_SEL
[7:0]
RESERVED
AMUX_3_SEL
AMUX_2_S
EL
AMUX_1_SEL
0x20
R/W
0x121
MULTI_FUNC_C
TRL_0111
[7:0]
RESERVED
SPI_1P8_3P
3_CTRL
RESERVED
0x00
R/W
0x140
FUSE_READBA
CK_0
[7:0]
RESERVED
TRM_AMP1_IGREF_RDBK
0x00
R
0x141
FUSE_READBA
CK_1
[7:0]
RESERVED
TRM_AMP1_IDREF_Z_RDBK
0x00
R
0x142
FUSE_READBA
CK_2
[7:0]
RESERVED
TRM_AMP1_IDREF_P_RDBK
0x00
R
0x143
FUSE_READBA
CK_3
[7:0]
RESERVED
TRM_AMP2_IGREF_RDBK
0x00
R
0x144
FUSE_READBA
CK_4
[7:0]
RESERVED
TRM_AMP2_IDREF_Z_RDBK
0x00
R
0x145
FUSE_READBA
CK_5
[7:0]
RESERVED
TRM_AMP2_IDREF_P_RDBK
0x00
R
0x146
GENERIC_READ
BACK_0
[7:0]
RESERVED
AMP1_CROSS_Z_RDBK
0x00
R
0x147
GENERIC_READ
BACK_1
[7:0]
RESERVED
AMP1_CROSS_P_RDBK
0x00
R
0x148
GENERIC_READ
BACK_2
[7:0]
RESERVED
AMP2_CROSS_Z_RDBK
0x00
R
0x149
GENERIC_READ
BACK_3
[7:0]
RESERVED
AMP2_CROSS_P_RDBK
0x00
R
0x14
A
GENERIC_READ
BACK_4
[7:0]
AMP2_BYP
ASS_RDBK
AMP1_BYP
ASS_RDBK
DSA_ATTN_RDBK
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com