Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 30 of 48
Also, take note to include the power dissipation of all channels of the amplifier when calculating the total power
dissipation for the ADA4522-1/ADA4522-2/ADA4522-4.
The thermal shutdown circuitry does not guarantee the device to be free of permanent damage if the junction
temperature exceeds 150°C. However, the internal thermal shutdown function may help avoid permanent damage
or reduce the degree of damage. Each amplifier channel has thermal shutdown circuitry, composed of a temperature
sensor with hysteresis.
As soon as the junction temperature reaches 190°C, the thermal shutdown circuitry shuts down the amplifier. Note
that either one of the two thermal shutdown circuitries is activated; this activation disables the channel. When the
amplifier is disabled, the output becomes open state and the quiescent current of the channel decreases to 0.1 mA.
When the junction temperature cools down to 160°C, the thermal shutdown circuitry enables the amplifier and the
quiescent current increases to its typical value.
When overheating in the die is caused by an undesirable excess amount of output current, the thermal shutdown
circuit repeats its function. The junction temperature keeps increasing until it reaches 190°C and one of the channels
is disabled. Then, the junction temperature cools down until it reaches 160°C, and the channel is enabled again. The
process then repeats.
Input Protection
When either input of the ADA4522-1/ADA4522-2/ADA4522-4 exceeds one of the supply rails by more than 300 mV, the
ESD diodes mentioned in the On-Chip Input EMI Filter and Clamp Circuit section become forward-biased and large
amounts of current begin to flow through them. Without current limiting, this excessive fault current causes
permanent damage to the device. If the inputs are expected to be subject to overvoltage conditions, insert a resistor
in series with each input to limit the input current to ±10 mA maximum. However, consider the resistor thermal noise
effect on the entire circuit.
At a ±15 V supply voltage, the broadband voltage noise of the ADA4522-1/ADA4522-2/ADA4522-4 is approximately 5.8
nV/√Hz (at unity gain), and a 1 kΩ resistor has a thermal noise of 4 nV/√Hz. Adding a 1 kΩ resistor increases the total
noise to 7 nV/√Hz.
Single-Supply and Rail-to-Rail Output
The ADA4522-1/ADA4522-2/ADA4522-4 are single-supply amplifiers, where their input voltage range includes the
lower supply rail. This feature is ideal for applications where the input common-mode voltage is at the lower supply
rail, for example, ground sensing. Conversely, the amplifier output is rail to rail. Figure 73 shows the input and output
waveforms of the ADA4522-1/ADA4522-2/ADA4522-4 configured as a unity-gain buffer with a supply voltage of ±15 V.
With an input voltage of ±15 V, the low output voltage tracks the input voltage, whereas the high output swing
clamps/ distorts when the input goes out of the input voltage range (−15 V ≤ IVR ≤ +13.5 V). However, the device does
not exhibit phase reversal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com