Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 35 of 48
Current Noise Density
Figure 78
shows the current noise density of the ADA4522-1/ADA4522-2/ADA4522-4 at unity gain. At 1 kHz, the current
noise density is about 1.3 pA/√Hz. The current noise density is determined by measuring the voltage noise due to
current noise flowing through a resistor. Due to the low current noise density of the amplifier, the voltage noise is
usually measured with a high value resistor; in this case, a 100 kΩ source resistor is used. However, the source resistor
interacts with the input capacitance of the amplifier and board, causing the bandwidth to roll off. Note that Figure
78
shows the current noise density rolling off much earlier than the unity-gain bandwidth; this roll-off is expected.
Figure 78.Current Noise Density at Gain = 1
EMI Rejection Ratio
Circuit performance is often adversely affected by high frequency EMI. When the signal strength is low and
transmission lines are long, an op amp must accurately amplify the input signals. However, all op amp pins—the
noninverting input, inverting input, positive supply, negative supply, and output pins—are susceptible to EMI signals.
These high frequency signals are coupled into an op amp by various means, such as conduction, near field radiation,
or far field radiation. For example, wires and printed circuit board (PCB) traces can act as antennas and pick up high
frequency EMI signals.
Amplifiers do not amplify EMI or RF signals due to their relatively low bandwidth. However, due to the nonlinearities
of the input devices, op amps can rectify these out of band signals. When these high frequency signals are rectified,
they appear as a DC offset at the output.
The ADA4522-1/ADA4522-2/ADA4522-4 have integrated EMI filters at their input stage. To describe the ability of the
ADA4522-1/ADA4522-2/ADA4522-4 to perform as intended in the presence of electromagnetic energy, the
electromagnetic interference rejection ratio (EMIRR) of the noninverting pin is specified in Table 2, Table 3, and Table
4
of the Specifications section. A mathematical method of measuring EMIRR is defined as follows:
EMIRR = 20log(VIN_PEAK/ΔVOS)
(5)
10
1
0.1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±2.5V
VSY = ±15V
VSY = ±27.5V
RS = 100kΩ
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com