Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 41 of 48
comparator to save board space and cost; however, this is not recommended for the ADA4522-1/ADA4522-2/
ADA4522-4.
Figure 86
and Figure 87 show the ADA4522-1/ADA4522-2/ADA4522-4 configured as a comparator, with 10 kΩ resistors
in series with the input pins. Any unused channels are configured as buffers with the input voltage kept at the
midpoint of the power supplies. The ADA4522-1/ADA4522-2/ADA4522-4 have input devices that are protected from
large differential input voltages by Diode D5 and Diode D6, as shown in Figure 72. These diodes consist of substrate
PNP bipolar transistors, and conduct whenever the differential input voltage exceeds approximately 600 mV;
however, these diodes also allow a current path from the input to the lower supply rail, resulting in an increase in the
total supply current of the system. Both comparator configurations yield the same result. At 30 V of power supply,
ISY+ remains at 1.55 mA per dual amplifier, but ISY− increases close to 2 mA in magnitude per dual amplifier.
Figure 86.Comparator Configuration A
Figure 87.Comparator Configuration B
ADA4522-1/
ADA4522-2/
ADA4522-4
A1
10kΩ
10kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
A1
10kΩ
10kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
ADA4522-1/
ADA4522-2/
ADA4522-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com