Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 33 of 48
comparison to standard low noise amplifiers that are susceptible to 1/f noise. Figure 63 shows the 0.1 Hz to 10 Hz
noise to be only 117 nV p-p of noise.
Source Resistance
The ADA4522-1/ADA4522-2/ADA4522-4 are some of the lowest noise high voltage zero drift amplifiers with 5.8 nV/√Hz
of voltage noise density at 1 kHz (AV = 100). Therefore, it is important to consider the input source resistance of choice
to maintain a total low noise. The total input referred broadband noise (eN total) from any amplifier is primarily a
function of three types of noise: input voltage noise, input current noise, and thermal (Johnson) noise from the
external resistors.
These uncorrelated noise sources can be summed up in a root sum squared (rss) manner by using the following
equation:
eN total = (eN 2 + 4 kTRS + (IN × RS) 2 ) 1/2
(3)
where:
eNis the input voltage noise density of the amplifier (V/√Hz).
k is the Boltzmann constant (1.38 × 10−23 J/K).
T is the temperature in Kelvin (K).
RS is the total input source resistance (Ω).
IN is the input current noise density of the amplifier (A/√Hz).
The total equivalent rms noise over a specific bandwidth is expressed as:
������������ ������������������ = ������������������������������������������√������������
(4)
where BW is the bandwidth in hertz.
This analysis is valid for broadband noise calculation up to a decade before the switching frequency. If the bandwidth
of concern includes the switching frequency, more complicated calculations must be made to include the effect of
the increase in noise at the switching frequency.
With a low source resistance of RS < 1 kΩ, the voltage noise of the amplifier dominates. As the source resistance
increases, the thermal noise of RS dominates. As the source resistance further increases, where RS > 50 kΩ, the current
noise becomes the main contributor of the total input noise.
Residual Ripple
As shown in Figure 60, Figure 62, and Figure 64, the ADA4522-1/ADA4522-2/ADA4522-4 have a flat noise spectrum
density at lower frequencies and exhibits spectrum density bumps and peaks at higher frequencies.
The largest noise bump is centered at 6 MHz; this bump is due to the decrease in the input gain at higher
frequencies.This decrease is a typical phenomenon and can also be seen in other amplifiers. In addition to the noise
bump, a sharp peak due to the chopping networks is seen at 4.8 MHz. However, this magnitude is significantly
reduced by the offset and ripple correction loop. Its magnitude may be different with different amplifier units or with
different circuitries around the amplifier. This peak can potentially be hidden by the noise bump and, therefore, may
not be detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com