Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 40 of 48
Printed Circuit Board Layout
The ADA4522-1/ADA4522-2/ADA4522-4 are high precision devices with ultralow offset voltage and noise. Therefore,
take care in the design of the PCB layout to achieve optimum performance of the ADA4522-1/ADA4522-2/ADA4522-4
at the board level.
To avoid leakage currents, keep the surface of the board clean and free of moisture.
Properly bypassing the power supplies and keeping the supply traces short minimizes power supply disturbances
caused by output current variation. Connect bypass capacitors as close as possible to the device supply pins. Stray
capacitances are a concern at the outputs and the inputs of the amplifier. It is recommended that signal traces be
kept at a distance of at least 5 mm from supply lines to minimize coupling.
A potential source of offset error is the Seebeck voltage on the circuit board. The Seebeck voltage occurs at the
junction of two dissimilar metals and is a function of the temperature of the junction. The most common metallic
junctions on a circuit board are solder to board traces and solder to component leads. Figure 85 shows a cross section
of a surface-mount component soldered to a PCB. A variation in temperature across the board (where TA1 ≠ TA2)
causes a mismatch in the Seebeck voltages at the solder joints, thereby resulting in thermal voltage errors that
degrade the performance of the ultralow offset voltage of the ADA4522-1/ADA4522-2/ADA4522-4.
Figure 85.Mismatch in Seebeck Voltages Causes Seebeck Voltage Error
In Figure 85, VSC1 and VSC2 are the Seebeck voltages due to solder to component at Junction 1 and Junction 2,
respectively. VTS1 and VTS2are the Seebeck voltages due to solder to trace at Junction 1 and Junction 2. TA1 and TA2 are
the temperatures of Junction 1 and Junction 2, respectively.
To minimize these thermocouple effects, orient resistors so that heat sources warm both ends equally. Where
possible, it is recommended that the input signal paths contain matching numbers and types of components to
match the number and type of thermocouple junctions. For example, dummy components, such as zero value
resistors, can be used to match the thermoelectric error source (real resistors in the opposite input path). Place
matching components in close proximity and orient them in the same manner to ensure equal Seebeck voltages,
thus canceling thermal errors. Additionally, use leads that are of equal length to keep thermal conduction in
equilibrium. Keep heat sources on the PCB as far away from amplifier input circuitry as is practical.
It is highly recommended to use a ground plane. A ground plane helps distribute heat throughout the board,
maintain a constant temperature across the board, and reduce EMI noise pickup.
Comparator Operation
An op amp is designed to operate in a closed-loop configuration with feedback from its output to its inverting input.
In contrast to op amps, comparators are designed to operate in an open-loop configuration and to drive logic circuits.
Although op amps are different from comparators, occasionally an unused section of a dual op amp is used as a
COMPONENT
LEAD
COPPER
TRACE
VSC1
VTS1
TA1
SURFACE-MOUNT
COMPONENT
PC BOARD
TA2
VSC2
VTS2
IF TA1 ≠ TA2, THEN
VTS1 + VSC1 ≠ VTS2 + VSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com