Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 34 of 48
The offset and ripple correction loop, designed to reduce the 4.8 MHz switching artifact, also creates a noise bump
centered at 800 kHz and a noise peak on top of this noise bump. Although the magnitude of the bump is mostly
constant, the magnitude of the 800 kHz peak is different from unit to unit. Some units may not exhibit the 800 kHz
noise peak; however, for other units, peaks occur at multiple integrals of 800 kHz, such as 1.6 MHz or 2.4 MHz.
These noise peaks, albeit small in magnitude, can be significant when the amplifier has a closed-loop frequency that
is higher than the chopping frequency. To suppress the noise spike to a desired level, either configure the amplifier
in a high gain configuration or apply a post filter at the output of the amplifier.
Figure 76
shows the voltage noise density of the ADA4522-1/ADA4522-2/ADA4522-4 in various gain configurations.
Note that the higher the gain, the lower the available bandwidth is. The earlier bandwidth roll-off effectively filters
out the higher noise spectrum.
Figure 76.Voltage Noise Density with Various Gains
Figure 77
shows the voltage noise density of the ADA4522-1/ADA4522-2/ADA4522-4 without and with post filters at
different frequencies. The post filter serves to roll off the bandwidth before the switching frequency. In this example,
the noise peak at 800 kHz is about 38 nV/√Hz. With a post filter at 80 kHz, the noise peak is reduced to 4.1 nV/√Hz.
With a post filter at 8 kHz, the noise peak is lower than the noise floor and cannot be detected.
Figure 77.Voltage Noise Density with Post Filters
100
10
1
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
AV = 1
AV = 10
AV = 100
100
10
1
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = 1
AV = 1 (POST FILTER AT 80kHz)
AV = 1 (POST FILTER AT 8kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com