Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 37 of 48
APPLICATIONS INFORMATION
Single-Supply Instrumentation Amplifier
The extremely low offset voltage and drift, high open-loop gain, high common-mode rejection, and high power
supply rejection of the ADA4522-1/ADA4522-2/ADA4522-4 make them excellent op amp choices as discrete, single-
supply instrumentation amplifiers.
Figure 82
shows the classic 3-op-amp instrumentation amplifier using the ADA4522-1/ADA4522-2/ADA4522-4. The
key to high CMRR for the instrumentation amplifier are resistors that are well matched for both the resistive ratio
and relative drift. For true difference amplification, matching of the resistor ratio is very important, where R5/R2 =
R6/R4. The resistors are important in determining the performance over manufacturing tolerances, time, and
temperature. Assuming a perfect unity-gain difference amplifier with infinite common-mode rejection, a 1%
tolerance resistor matching results in only 34 dB of common-mode rejection. Therefore, at least 0.01% or
better resistors are recommended.
Figure 82.Discrete 3-Op-Amp Instrumentation Amplifier
To build a discrete instrumentation amplifier with external resistors without compromising on noise, pay close
attention to the resistor values chosen. RG1 and RG2each have thermal noise that is amplified by the total noise gain
of the instrumentation amplifier and, therefore, a sufficiently low value must be chosen to reduce thermal noise
contribution at the output while still providing an accurate measurement. Table 10 shows the external resistorsʼ
noise contribution referred to the output (RTO).
Table 10.Thermal Noise Contribution Example
RESISTOR
VALUE (kΩ)
RESISTOR THERMAL
NOISE (nV/√Hz)
THERMAL NOISE RTO
(nV/√Hz)
RG1
0.4
2.57
128.30
RG2
0.4
2.57
128.30
R1
10
12.83
25.66
R2
10
12.83
25.66
R3
10
12.83
25.66
R4
10
12.83
25.66
R5
20
18.14
18.14
R6
20
18.14
18.14
VIN1
VIN2
A1
A3
A2
RG1
RG2
R1
R3
R2
R4
R5
VOUT
R6
RG1 = RG2, R1 = R3, R2 = R4, R5 = R6
VOUT = (VIN2 – VIN1) (1 + R1/RG1) (R5/R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com