Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 38 of 48
Note that A1 and A2 have a high gain of 1 + R1/RG1. Therefore, use a high precision, low offset voltage and low noise
amplifier for A1 and A2, such as the ADA4522-1/ADA4522-2/ADA4522-4. Conversely, A3 operates at a much lower gain
and has a different set of op amp requirements. Its input noise, referred to the overall instrumentation amplifier
input, is divided by the first stage gain and is not as important. Note that the input offset voltage and the input voltage
noise of the amplifiers are also amplified by the overall noise gain.
Any unused channel of the ADA4522-1/ADA4522-2/ADA4522-4 must be configured in unity gain with the input
common-mode voltage tied to the midpoint of the power supplies.
Understanding how noise impacts a discrete instrumentation amplifier or a difference amplifier (the second stage of
a 3-op-amp instrumentation amplifier) is important, because they are commonly used in many different
applications. The Load Cell/Strain Gauge Sensor Signal Conditioning Using the ADA4522-2 section and the Precision
Low-Side Current Shunt Sensor
section show the ADA4522-1/ADA4522-2/ADA4522-4 used as a discrete
instrumentation or difference amplifier in an application.
Load Cell/Strain Gauge Sensor Signal Conditioning Using the ADA4522-2
The ADA4522-2, with its ultralow offset, drift, and noise, is well suited to signal condition a low level sensor output
with high gain and accuracy. A weigh scale/load cell is an example of an application with such requirements. Figure
83
shows a configuration for a single-supply, precision, weigh scale measurement system. The ADA4522-2 is used at
the front end for amplification of the low level signal from the load cell.
Current flowing through a PCB trace produces an IR voltage drop; with longer traces, this voltage drop can be several
millivolts or more, introducing a considerable error. A 1 inch long, 0.005 inch wide trace of 1 oz copper has a
resistance of approximately 100 mΩ at room temperature. With a load current of 10 mA, the resistance can introduce
a 1 mV error.
Therefore, a 6-wire load cell is used in the circuit. The load cell has two sense pins, in addition to excitation, ground,
and two output connections. The sense pins are connected to the high side (excitation pin) and low side (ground pin)
of the Wheatstone bridge. The voltage across the bridge can then be accurately measured regardless of voltage drop
due to wire resistance. The two sense pins are also connected to the analog-to-digital converter (ADC) reference
inputs for a ratiometric configuration that is immune to low frequency changes in the power supply excitation
voltage.
The ADA4522-2 is configured as the first stage of a 3-op-amp instrumentation amplifier to amplify the low level
amplitude signal from the load cell by a factor of 1 + 2R1/RG. Capacitors C1 and C2 are placed in the feedback loops
of the amplifiers and interact with R1 and R2 to perform low-pass filtering. This filtering limits the amount of noise
entering the Σ-∆ ADC. In addition, C3, C4, C5, R3, and R4 provide further common-mode and differential mode
filtering to reduce noise and unwanted signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com