Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADBMS1818CSWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADBMS1818CSWAZ Datasheet HTML 28Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 29Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 30Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 31Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 32Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 33Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 34Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 35Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 32 of 92
Auxiliary (GPIO) Measurements with Digital
Redundancy (ADAXD Command)
The ADAXD command operates similarly to the ADAX command
except that an additional diagnostic is performed using digital re-
dundancy. PS, Bits[1:0] in Configuration Register Group B must be
set to 0 or 1 during the ADAXD command to enable redundancy.
See the ADC Conversion with Digital Redundancy section.
The execution time of the ADAX command and the ADAXD com-
mand is the same.
Measuring Cell Voltages and GPIOs (ADCVAX
Command)
The ADCVAX command combines 18 cell measurements with 2
GPIO measurements (GPIO1 and GPIO2). This command simpli-
fies the synchronization of battery cell voltage and current measure-
ments when current sensors are connected to the GPIO1 or GPIO2
inputs. Figure 58 shows the timing of the ADCVAX command. See
the Commands section for the ADCVAX command format. The
synchronization of the current and voltage measurements, tSKEW1,
in fast mode is within 194 μs.
Table 24 shows the conversion and synchronization time for the
ADCVAX command in different modes. The total conversion time
for the command is given by t8C.
Figure 58. Timing of ADCVAX Command
Table 24. Conversion and Synchronization Times for ADCVAX Command in Different Modes
Mode
Conversion Times (μs)
Synchronization Time (μs)
t0
t1M
t2M
t3M
t4M
t5M
t6M
t7M
t8M
t8C
tSKEW1
27 kHz
0
58
104
151
205
252
306
352
399
1511
194
14 kHz
0
87
163
238
321
397
480
556
632
1744
310
7 kHz
0
145
279
413
554
688
829
963
1097
3140
543
3 kHz
0
261
512
762
1020
1270
1527
1778
2028
4071
1008
2 kHz
0
494
977
1460
1,950
2433
2924
3407
3890
5933
1939
1 kHz
0
960
1908
2857
3812
4761
5717
6665
7613
9657
3801
422 Hz
0
1890
3770
5649
7536
9415
11,302
13,181
15,061
17,104
7525
26 Hz
0
29,818
59,624
89,431
119,245
149,052
178,866
208,672
238,479
268,450
119,234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com