Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADBMS1818CSWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADBMS1818CSWAZ Datasheet HTML 32Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 33Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 34Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 35Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 36Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 37Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 38Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 39Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 36 of 92
Overlap Cell Measurement (ADOL Command)
The ADOL command first simultaneously measures Cell 7 with
ADC1 and ADC2. Then, the ADOL command simultaneously meas-
ures Cell 13 with both ADC2 and ADC3. The host can compare
the results against each other to look for inconsistencies that may
indicate a fault. The result of the Cell 7 measurement from ADC2
is placed in Cell Voltage Register Group C where the Cell 7 result
normally resides. The result from ADC1 is placed in Cell Voltage
Register Group C where the Cell 8 result normally resides. The
result of the Cell 13 measurement from ADC3 is placed in Cell
Voltage Register Group E where the Cell 13 result normally resides.
The result from ADC2 is placed in Cell Voltage Register Group E
where the Cell 14 result normally resides. Figure 61 shows the
timing of the ADOL command. See the Commands section for the
ADOL command format.
Figure 61. Timing for ADOL Command
Table 29 shows the conversion time for the ADOL command. t2C
indicates the total conversion time for this command.
Table 29. Conversion Times for ADOL Command
Mode
Conversion Times (μs)
t0
t1M
t2M
t2C
27 kHz 0
58
106
384
14 kHz 0
87
164
442
7 kHz
0
146
281
791
3 kHz
0
262
513
1024
Table 29. Conversion Times for ADOL Command (Continued)
Mode
Conversion Times (μs)
t0
t1M
t2M
t2C
2 kHz
0
495
979
1490
1 kHz
0
960
1910
2420
422 Hz 0
1891
3772
4282
26 Hz
0
29,818
59,626
67,119
Digital Filter Check
The Δ-Σ ADC is composed of a 1-bit pulse density modulator
followed by a digital filter. A pulse density modulated bit stream has
a higher percentage of 1s for higher analog input voltages. The
digital filter converts this high frequency 1-bit stream into a single
16-bit word.
This is why a Δ-Σ ADC is often referred to as an oversampling
converter.
The self test commands verify the operation of the digital filters
and memory. Figure 62 shows the operation of the ADC during self
test. The output of the 1-bit pulse density modulator is replaced by
a 1-bit test signal. The test signal passes through the digital filter
and is converted to a 16-bit value. The 1-bit test signal undergoes
the same digital conversion as the regular 1-bit signal from the
modulator, so the conversion time for any self test command is
exactly the same as the corresponding regular ADC conversion
command. The 16-bit ADC value is stored in the same register
groups as the corresponding regular ADC conversion command.
The test signals are designed to place alternating one-zero patterns
in the registers. Table 30 provides a list of the self test commands.
If the digital filters and memory are working properly, then the
registers contain the values shown in Table 30. For more details
see the Commands section.
Figure 62. Operation of ADBMS1818 ADC Self Test
Table 30. Self Test Command Summary
Command
Self Test Option
Output Pattern in Different ADC Modes
Results Register Groups
27 kHz
14 kHz
7 kHz, 3 kHz, 2 kHz, 1 kHz, 422 Hz, 26 Hz
CVST
ST, Bits[1:0] = 01
0x9565
0x9553
0x9555
C1V to C18V (CVA, CVB, CVC, CVD, CVE, CVF)
ST, Bits[1:0] = 10
0x6A9A
0x6AAC
0x6AAA
AXST
ST, Bits[1:0] = 01
0x9565
0x9553
0x9555
G1V to GV9, REF (AUXA, AUXB, AUXC, AUXD)
ST, Bits[1:0] = 10
0x6A9A
0x6AAC
0x6AAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com