Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADBMS1818CSWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADBMS1818CSWAZ Datasheet HTML 5Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 6Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 7Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 8Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 9Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 10Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 11Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 12Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Data Sheet
ADBMS1818
SPECIFICATIONS
analog.com
Rev. B | 9 of 92
ISOSPI IDLE/WAKE-UP SPECIFICATIONS
See Figure 87.
Table 7.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Differential Wake-Up Voltage (VWAKE)
Dwell time at VWAKE before wake detection (tDWELL) = 240 ns,
apply over the full specified temperature range
200
mV
tDWELL
VWAKE = 200 mV, apply over the full specified temperature
range
240
ns
Start-Up Time After Wake Detection (tREADY)
Apply over the full specified temperature range
10
µs
Idle Timeout Duration (tIDLE)
Apply over the full specified temperature range
4.3
5.5
6.7
ms
ISOSPI PULSE TIMING SPECIFICATIONS
See Figure 83.
Table 8.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Chip Select Half Pulse Width (t1/2PW(CS))
Transmitter, apply over the full specified temperature range
120
150
180
ns
Chip Select Signal Filter (tFILT(CS))
Receiver, apply over the full specified temperature range
70
90
110
ns
Chip Select Pulse Inversion Delay (tINV(CS))
Transmitter, apply over the full specified temperature range
120
155
190
ns
Chip Select Valid Pulse Window (tWNDW(CS))
Receiver, apply over the full specified temperature range
220
270
330
ns
Data Half Pulse Width (t1/2PW(D))
Transmitter, apply over the full specified temperature range
40
50
60
ns
Data Signal Filter (tFILT(D))
Receiver, apply over the full specified temperature range
10
25
35
ns
Data Pulse Inversion Delay (tINV(D))
Transmitter, apply over the full specified temperature range
40
55
65
ns
Data Valid Pulse Window (tWNDW(D))
Receiver, apply over the full specified temperature range
70
90
110
ns
SPI TIMING REQUIREMENTS
See Figure 77 and Figure 86.
Table 9.
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
SCK Period (tCLK)1
Apply over the full specified temperature range
1
µs
SDI Setup Time Before SCK Rising Edge (t1)
Apply over the full specified temperature range
25
ns
SDI Hold Time After SCK Rising Edge (t2) d
Apply over the full specified temperature range
25
ns
SCK Low (t3)
tCLK = t3 + t4 ≥ 1 µs, apply over the full specified temperature
range
200
ns
SCK High (t4)
tCLK = t3 + t4 ≥ 1 µs, apply over the full specified temperature
range
200
ns
CSB Rising Edge to CSB Falling Edge (t5)
Apply over the full specified temperature range
0.65
µs
SCK Rising Edge to CSB Rising Edge (t6) 1
Apply over the full specified temperature range
0.8
µs
CSB Falling Edge to SCK Rising Edge (t7) 1
Apply over the full specified temperature range
1
µs
1 These timing specifications are dependent on the delay through the cable and include allowances for 50 ns of delay in each direction. 50 ns corresponds to 10 m of
Category 5 (CAT-5) cable (which has a velocity of propagation of 66% the speed of light). Using longer cables requires derating these specs by the amount of additional
delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com