Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADBMS1818CSWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADBMS1818CSWAZ Datasheet HTML 41Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 42Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 43Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 44Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 45Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 46Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 47Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 48Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 45 of 92
Timing Specifications of I2C and SPI Master
The timing of the ADBMS1818 I2C or SPI master is controlled
by the timing of the communication at the primary SPI of the
ADBMS1818. Table 40 shows the I2C master timing relationship
to the primary SPI clock. Table 41 shows the SPI master timing
specifications.
Table 40. I2C Master Timing
I2C Master Parameter
Timing Relationship to
Primary SPI
Timing Specifications at
tCLK = 1 μs
SCL Clock Frequency
1/(2 × tCLK)
500 kHz maximum
tHD, STA
t3
200 ns minimum
tLOW
tCLK
1 μs minimum
tHIGH
tCLK
1 μs minimum
tSU, STA
tCLK + t41
1.03 μs minimum
tHD, DAT
t4
30 ns minimum
tSU, DAT
t3
200 ns minimum
tSU, STO
tCLK + t4 1
1.03 μs minimum
tBUF
3 × tCLK
3 μs minimum
1 When using isoSPI, t4 is generated internally and is a minimum of 30 ns. Also,
t3 = tCLK – t4. When using SPI, t3 and t4 are the low and high times of the SCK
input, each with a specified minimum of 200 ns.
Table 41. SPI Master Timing
SPI Master Parameter
Timing Relationship to
Primary SPI
Timing Specifications at
tCLK = 1 μs
SDIOM Valid to SCKM
Rising Setup
t3
200 ns minimum
SDIO Valid from SCKM
Rising Hold
tCLK + t41
1.03 μs minimum
SCKM Low
tCLK
1 μs minimum
SCKM High
tCLK
1 μs minimum
SCKM Period
(SCKM_Low +
SCKM_High)
2 × tCLK
2 μs minimum
CSBM Pulse Width
3 × tCLK
3 μs minimum
SCKM Rising to CSBM
Rising
5 × tCLK + t4 1
5.03 μs minimum
CSBM Falling to SCKM
Falling
t3
200 ns minimum
CSBM Falling to SCKM
Rising
tCLK + t3
1.2 μs minimum
SCKM Falling to SDIOM
Valid
Master Requires < tCLK
1 When using isoSPI, t4 is generated internally and is a minimum of 30 ns. Also,
t3 = tCLK – t4. When using SPI, t3 and t4 are the low and high times of the SCK
input, each with a specified minimum of 200 ns.
S PIN PULSING USING THE S PIN CONTROL
SETTINGS
The S pins of the ADBMS1818 can be used as a simple serial
interface, which is particularly useful for controlling the LT8584, a
monolithic flyback dc-to-dc converter, designed to actively balance
large battery stacks. The LT8584 has several operating modes
which are controlled through a serial interface. The ADBMS1818
can communicate to an LT8584 by sending a sequence of pulses
on each S pin to select a specific LT8584 mode. The S pin control
settings (located in S Control Register Group and PWM/S Control
Register Group B) are used to specify the behavior for each of
the 18 S pins, where each nibble specifies whether the S pin
drives high, drives low, or sends a pulse sequence between 1
and 7 pulses. The figures in this section show the possible S pin
behaviors that can be sent to the LT8584.
The S pin pulses occur at a pulse rate of 6.44 kHz (155 μs period).
The pulse width is 77.6 μs. The S pin pulsing begins when the
STSCTRL command is sent, after the last command PEC clock,
provided that the command PEC matches. The host can then
continue to clock SCK in order to poll the status of the pulsing.
This polling works similarly to the ADC polling feature. The data out
remains logic low until the S pin pulsing sequence completes.
While the S pin pulsing is in progress, new STSCTRL, WRSCTRL,
or WRPSB commands are ignored. The PLADC command can be
used to determine when the S pin pulsing completes.
If the WRSCTRL (or WRPSB) command and command PEC are
received correctly but the data PEC does not match, the S pin
control settings are cleared.
If a DCC bit in Configuration Register Group A or Configuration
Register Group B is asserted, the ADBMS1818 drives the selected
S pin low, regardless of the S pin control settings. The host must
leave the DCC bits set to 0 when using the S pin control settings.
The CLRSCTRL command can be used to quickly reset the S pin
control settings to all 0s and force the pulsing machine to release
control of the S pins. This command can be helpful in reducing the
diagnostic control loop time in a high reliability application.
The following figures show the S pin pulsing behavior.
Figure 67. S Pin Behavior when S Pin Control Bits = 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com