Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ Datasheet(PDF) 69 Page - Analog Devices

Part # ADBMS1818CSWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ Datasheet(HTML) 69 Page - Analog Devices

Back Button ADBMS1818CSWAZ Datasheet HTML 65Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 66Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 67Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 68Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 69Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 70Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 71Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 72Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Data Sheet
ADBMS1818
MEMORY MAP
analog.com
Rev. B | 69 of 92
Table 72. Memory Map Bit Descriptions (Continued)
Bit
Description
Values
MUTE
Mute status (read only)
1: mute is activated and discharging is disabled
0: mute is deactivated
FDRF
Force digital redundancy failure
1: forces the digital redundancy comparison for ADC conversions to fail
0: enables the normal redundancy comparison
PS, Bits[1:0]
Digital redundancy path selection 11: redundancy is applied only to the ADC3 digital path
10: redundancy is applied only to the ADC2 digital path
01: redundancy is applied only to the ADC1 digital path
00: redundancy is applied sequentially to the ADC1, ADC2, and ADC3 digital paths during cell conversions and applied
to ADC1 during AUX and STATUS conversions
DTMEN
Enable discharge timer monitor
1: enables the discharge timer monitor function if the DTEN pin is asserted
0: disables the discharge timer monitor function. The normal discharge timer function is enabled if the DTEN pin is
asserted
CxV
Cell x voltage1
x = 1 to 18
16-bit ADC measurement value for Cell x
Cell voltage for Cell x = CxV × 100 μV
CxV is rest to 0xFFFF on power-up and after clear command
GxV
GPIO x voltage1
x = 1 to 9
16-bit ADC measurement value for GPIOx
Voltage for GPIOx = GxV × 100 μV
GxV is reset to 0xFFFF on power-up and after clear command
REF
2nd reference voltage1
16-bit ADC measurement value for 2nd reference
SC
Sum of all cells measurement1
16-bit ADC measurement value of the sum of all cell voltages, sum of all cells voltage = SC × 100 μV × 30
ITMP
Internal die temperature1
16-bit ADC measurement value of the internal die temperature, temperature measurement voltage = ITMP × 100
μV/7.6mV/°C − 276°C
VA
Analog power supply voltage1
16-bit ADC measurement value of the analog power supply voltage, analog power supply voltage = VA × 100 μV, the
value of VA is set by external components that must be in the range of 4.5 V to 5.5 V for normal operation
VD
Digital power supply voltage1
16-bit ADC measurement value of the digital power supply voltage, digital power supply voltage = VD × μV, normal
range is within 2.7 V to 3.6 V
CxOV
Cell x overvoltage flag
x = 1 to 18
Cell voltage compared to VOV comparison voltage
0: cell x not flagged for overvoltage condition
1: cell x flagged
CxUV
Cell x undervoltage flag
x = 1 to 18
Cell voltage compared to VUV comparison voltage
0: cell x not flagged for undervoltage condition
1: cell x flagged
REV
Revision code
Device revision code
RSVD
Reserved bits
Read: read back value can be 1 or 0
RSVD0
Reserved bits
Read: read back value is always 0
RSVD1
Reserved bits
Read: read back value is always 1
MUXFAIL
Multiplexer self test result
Read:
0: multiplexer passed self test
1: multiplexer failed self test
THSD
Thermal shutdown status
Read:
0: thermal shutdown has not occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com