Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ Datasheet(PDF) 68 Page - Analog Devices

Part # ADBMS1818CSWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ Datasheet(HTML) 68 Page - Analog Devices

Back Button ADBMS1818CSWAZ Datasheet HTML 64Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 65Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 66Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 67Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 68Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 69Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 70Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 71Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
Data Sheet
ADBMS1818
MEMORY MAP
analog.com
Rev. B | 68 of 92
Table 70. PWM Register Group
Register
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PWMR0
R/W
PWM2[3]
PWM2[2]
PWM2[1]
PWM2[0]
PWM1[3]
PWM1[2]
PWM1[1]
PWM1[0]
PWMR1
R/W
PWM4[3]
PWM4[2]
PWM4[1]
PWM4[0]
PWM3[3]
PWM3[2]
PWM3[1]
PWM3[0]
PWMR2
R/W
PWM6[3]
PWM6[2]
PWM6[1]
PWM6[0]
PWM5[3]
PWM5[2]
PWM5[1]
PWM5[0]
PWMR3
R/W
PWM8[3]
PWM8[2]
PWM8[1]
PWM8[0]
PWM7[3]
PWM7[2]
PWM7[1]
PWM7[0]
PWMR4
R/W
PWM10[3]
PWM10[2]
PWM10[1]
PWM10[0]
PWM9[3]
PWM9[2]
PWM9[1]
PWM9[0]
PWMR5
R/W
PWM12[3]
PWM12[2]
PWM12[1]
PWM12[0]
PWM11[3]
PWM11[2]
PWM11[1]
PWM11[0]
Table 71. PWM/S Control Register Group B
Register
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PSR0
R/W
PWM14[3]
PWM14[2]
PWM14[1]
PWM14[0]
PWM13[3]
PWM13[2]
PWM13[1]
PWM13[0]
PSR1
R/W
PWM16[3]
PWM16[2]
PWM16[1]
PWM16[0]
PWM15[3]
PWM15[2]
PWM15[1]
PWM15[0]
PSR2
R/W
PWM18[3]
PWM18[2]
PWM18[1]
PWM18[0]
PWM17[3]
PWM17[2]
PWM7[1]
PWM17[0]
PSR3
R/W
SCTL14[3]
SCTL14[2]
SCTL14[1]
SCTL14[0]
SCTL13[3]
SCTL13[2]
SCTL13[1]
SCTL13[0]
PSR4
R/W
SCTL16[3]
SCTL16[2]
SCTL16[1]
SCTL16[0]
SCTL15[3]
SCTL15[2]
SCTL15[1]
SCTL15[0]
PSR5
R/W
SCTL18[3]
SCTL18[2]
SCTL18[1]
SCTL18[0]
SCTL17[3]
SCTL17[2]
SCTL17[1]
SCTL17[0]
Table 72. Memory Map Bit Descriptions
Bit
Description
Values
GPIOx
GPIOx pin control
Write:
0: GPIOx pin pull-down on
1: GPIOx pin pull-down off (default)
Read:
0: GPIOx pin at Logic 0
1: GPIOx pin at Logic 1
REFON
Reference powered up
1: reference remains powered up until watchdog timeout
0: reference shuts down after conversions (default)
DTEN
Discharge timer enable (read on-
ly)
0: disables discharge timer
1: enables the discharge timer for discharge switches
ADCOPT
ADC mode option bit
0: selects modes 27 kHz, 7 kHz, 422 Hz or 26 Hz with MD, Bits[1:0] in ADC conversion commands (default)
1: selects modes 14 kHz, 3 kHz, 1 kHz, or 2 kHz with MD, Bits[1:0] in ADC conversion commands
VUV
Undervoltage comparison volt-
age1
Comparison voltage = (VUV + 1) × 16 × 100 μV, default: VUV = 0x000
VOV
Overvoltage comparison voltage1 Comparison voltage = VOV × 16 × 100 μV, default: VOV = 0x000
DCC[x]
Discharge Cell x
x = 1 to 18:
1: turn on shorting switch for Cell x
0: turn off shorting switch for Cell x (default)
x = 0:
1: turn on GPIO9 pull-down
0: turn off GPIO9 pull-down (default)
DCTO
Discharge time out value
DCTO (write)
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Time (minutes) Disabled 0.5 1
2
3
4
5
10
15
20
30
40
60
75
90
120
DCTO (read)
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Time left (mi-
nutes)
Disabled
or time-
out
0 to
0.5
0.5
to 1
1 to
2
2 to
3
3 to
4
4 to
5
5 to
10
10
to
15
15
to
20
20
to
30
30
to
40
40
to
60
60
to
75
75
to
90
90
to
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com