Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ Datasheet(PDF) 83 Page - Analog Devices

Part # ADBMS1818CSWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ Datasheet(HTML) 83 Page - Analog Devices

Back Button ADBMS1818CSWAZ Datasheet HTML 79Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 80Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 81Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 82Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 83Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 84Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 85Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 86Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 83 of 92
Figure 106. Capacitive Isolation Coupling for ADBMS1818s on the Same PCB
Connecting an MCU to an ADBMS1818 with an
isoSPI Data Link
The LTC6820 converts a standard 4-wire SPI into a 2-wire iso-
SPI link that can communicate directly with the ADBMS1818. An
example is shown in Figure 107. The LTC6820 can be used in
applications to provide isolation between the microcontroller and
the stack of ADBMS1818 devices. The LTC6820 also enables
system configurations that have the battery management system
(BMS) controller at a remote location relative to the ADBMS1818
devices and the battery pack.
Transformer Selection Guide
As shown in Figure 103, a transformer or pair of transformers
isolates the isoSPI signals between two isoSPI ports. The isoSPI
signals have programmable pulse amplitudes up to 1.6 V p-p and
pulse widths of 50 ns and 150 ns. To be able to transmit these
pulses with the necessary fidelity, the system requires that the
transformers have primary inductances above 60 μH and a 1:1
turns ratio. It is also necessary to use a transformer with less
than 2.5 μH of leakage inductance. In terms of pulse shape, the
primary inductance mostly affects the pulse droop of the 50 ns
and 150 ns pulses. If the primary inductance is too low, the pulse
amplitude begins to droop and decay over the pulse period. When
the pulse droop is severe enough, the effective pulse width seen
by the receiver drops substantially, reducing noise margin. Some
droop is acceptable as long as it is a relatively small percentage of
the total pulse amplitude. The leakage inductance primarily affects
the rise and fall times of the pulses. Slower rise and fall times
effectively reduce the pulse width. Pulse width is determined by
the receiver as the time the signal is above the threshold set at
the ICMP pin. Slow rise and fall times cut into the timing margins.
Generally, it is best to keep pulse edges as fast as possible. When
evaluating transformers, it is also worth noting the parallel winding
capacitance. While transformers have very good CMRR at a low
frequency, this rejection degrades at higher frequencies, largely due
to the winding to winding capacitance. When choosing a transform-
er, it is best to pick one with less parallel winding capacitance when
possible.
When choosing a transformer, it is equally important to pick a
device that has an adequate isolation rating for the application.
The working voltage rating of a transformer is a key specification
when selecting a device for an application. Interconnecting daisy-
chain links between ADBMS1818 devices see <60 V stress in
typical applications. Ordinary pulse and local area network (LAN)
type transformers suffice. Connections to the LTC6820, in general,
may need much higher working voltage ratings for good long-term
reliability. Usually, matching the working voltage to the voltage of
the entire battery stack is conservative. Unfortunately, transformer
vendors often only specify one-second high voltage testing, and
this is not equal to the long-term (permanent) rating of the device.
For example, according to most safety standards, a 1.5 kV rated
transformer is expected to handle 230 V continuously, and a 3
kV device is capable of 1100 V long-term, though manufacturers
may not always certify to those levels (refer to actual vendor data
for specifics). Usually, the higher voltage transformers are called
high-isolation or reinforced insulation types by the suppliers. Table
74 shows a list of transformers that have been evaluated in isoSPI
links.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com