Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ Datasheet(PDF) 81 Page - Analog Devices

Part # ADBMS1818CSWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ Datasheet(HTML) 81 Page - Analog Devices

Back Button ADBMS1818CSWAZ Datasheet HTML 77Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 78Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 79Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 80Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 81Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 82Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 83Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 84Page - Analog Devices ADBMS1818CSWAZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
Data Sheet
ADBMS1818
APPLICATIONS INFORMATION
analog.com
Rev. B | 81 of 92
Implementing a Modular isoSPI Daisy Chain
The hardware design of a daisy-chain isoSPI bus is identical for
each device in the network due to the daisy-chain point to point
architecture. The simple design as shown in Figure 103 is function-
al, but inadequate for most designs. The termination resistor, RM,
must be split and bypassed with a capacitor, as shown in Figure
104. This change provides both a differential and a common mode
termination, and as such, increases the system noise immunity.
Figure 104. Daisy Chain Interface Components
The use of cables between battery modules, particularly in hazard
applications, can lead to increased noise susceptibility in the com-
munication lines. For high levels of electromagnetic interference
(EMC), additional filtering is recommended. The circuit example in
Figure 104 shows the use of common-mode chokes (CMC) to add
common-mode noise rejection from transients on the battery lines.
The use of a center tapped transformer also provides additional
noise performance. A bypass capacitor connected to the center tap
creates a low impedance for common-mode noise (see Figure 104).
Since transformers without a center tap can be less expensive, they
may be preferred. In this case, the addition of a split termination
resistor and a bypass capacitor (see Figure 104) can enhance the
isoSPI performance. Large center tap capacitors greater than 10 nF
must be avoided as they may prevent the isoSPI common-mode
voltage from settling. Common-mode chokes similar to those used
in Ethernet or CANbus applications are recommended. Specific
examples are provided in Table 75.
An important daisy chain design consideration is the number of
devices in the isoSPI network. The length of the chain determines
the serial timing and affects data latency and throughput. The
maximum number of devices in an isoSPI daisy chain is strictly
dictated by the serial timing requirements. However, it is important
to note that the serial read back time, and the increased current
consumption, might dictate a practical limitation.
For a daisy chain, the following two timing considerations for proper
operation dominate (see Figure 86):
1. t6, the time between the last clock and the rising chip select,
must be long enough.
2. t5, the time from a rising chip select to the next falling chip
select (between commands), must be long enough.
Both t5 and t6 must be lengthened as the number of
ADBMS1818 devices in the daisy chain increases. The equa-
tions for these times are below:
t5 > (Number of Devices × 70 ns) + 900 ns, t6 > (Number of
Devices × 70 ns) + 950 ns
Connecting Multiple ADBMS1818s on the Same
PCB
When connecting multiple ADBMS1818 devices on the same PCB,
only a single transformer is required between the ADBMS1818
isoSPI ports. The absence of the cable also reduces the noise
levels on the communication lines and often only a split termination
is required. Figure 105 shows an example application that has
multiple ADBMS1818 devices on the same PCB, communicating to
the bottom MCU through an LTC6820 isoSPI driver. If a transformer
with a center tap is used, a capacitor can be added for improved
noise rejection. Additional noise filtering can be provided with dis-
crete common-mode chokes (not shown) placed on both sides of
the single transformer.
On single board designs with low noise requirements, it is possible
for a simplified capacitor isolated coupling as shown in Figure 106
to replace the transformer.
In this circuit, the transformer is directly replaced by two 10 nF
capacitors. An optional CMC provides noise rejection similar to
application circuits using transformers. The circuit is designed to
use IBIAS and ICMP settings identical to the transformer circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com