Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88180 Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 9Page - ASIX Electronics Corporation AX88180 Datasheet HTML 10Page - ASIX Electronics Corporation AX88180 Datasheet HTML 11Page - ASIX Electronics Corporation AX88180 Datasheet HTML 12Page - ASIX Electronics Corporation AX88180 Datasheet HTML 13Page - ASIX Electronics Corporation AX88180 Datasheet HTML 14Page - ASIX Electronics Corporation AX88180 Datasheet HTML 15Page - ASIX Electronics Corporation AX88180 Datasheet HTML 16Page - ASIX Electronics Corporation AX88180 Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
AX88180
13
ASIX ELECTRONICS CORPORATION
3.5 Flow Control
In full duplex mode, AX88180 supports the standard flow control mechanism defined in IEEE 802.3x standard. It
enables the stopping of remote node transmissions via a PAUSE frame information interaction. When space of the packet
buffer is less than the threshold values (RXBTHD0, RXBTHD1), AX88180 will send out a PAUSE-ON packet to stop the
remote node transmission. And then AX88180 will send out a PAUSE-OFF packet to inform the remote node to retransmit
packet if it has enough space to receive packets.
3.6 Checksum Offloads and Wake-up
To reduce the computing loading of CPU, AX88180 is built checksum operator for IP, UDP or TCP packet. AX88180
will detect the packet whether it is IP, UDP or TCP packet. If it is an IP packet, AX88180 will calculate the checksum of
header and put the result in checksum filed of IP. Then it continuously checks the packet whether it is UDP or TCP. It will
perform the checksum operation whenever it is a UDP or TCP packet. AX88180 also automatically skip the VLAN tag
when checksum is executed. AX88180 also supports to detect magic packet or link-up to wake up system when system is in
sleep state or needs to cold start by magic packet.
3.7 Burst-Mode support
To improve the throughput in embedded system, AX88180 supports fast-mode (burst) for TX/RX buffer access. Host
can access AX88180 by driving CSN to low and toggle WEN (write) or OEN (read).
AX88180 can support the burst until
whole packet access. The access timing can refer to section 5.2.4 and 5.2.6. This mechanism is only for TX/RX buffer
access. For configuration register access, it must use single access.
3.8 Big/Little-endian support
AX88180 supports “Big” or “Little” endian data format. The default is Little-endian.
Designer can pull-up GOIO1
pin to high to swap the data format. Below table can depict the relation. This swap is only valid in 32-bit mode.
Figure 4: data swap block
3.9 16-bit Mode
AX88180 also supports 16-bit mode operation. AX88180 driver should request at least (8K + 8) bytes space for TX,
RX and register access. For example, the driver requests a 16K bytes space from system and then sets the new window base
address to MEMBAS6 register. After that, driver should set bit 0 (DECODE_EN) of MEMBASE register to start decoding
for TX buffer, RX buffer and registers access. (Note: AX88180 H/W only decodes low 16-bit offset address.)
MEMBASE--Memory base Address
Field
Name
Type
Default
Description
15:1
-
R/W
-
Reserved. The output value is undefined if software read this field.
0
DECODE_EN
R/W
0
16-bit decode enable
Set to ‘1’ to start decoding.
MEMBAS6--Memory base Address + 6
Field
Name
Type
Default
Description
15:8
-
R/W
-
Reserved. The output value is undefined if software read this field.
7:0
WINSIZE
R/W
0x00
Window Base Pointer. (The MSB of new window base address, 16-bit offset)
This field defines another new windows base address for TX, RX and register
access.
The total size is 8K bytes.
TX areas occupy 3840 bytes
Registers occupy 256 bytes.
RX areas occupy 4096 bytes.
Note: The WINSIZE field of this address is used to define the MSB of new window base address, the TX buffer, RX buffer
and registers should be accessed through this new window base address in 16-bit mode. Please refer to below mapping
mechanism for details.
L ittle -e n d ia n
D [31 :24]
D [23 :1 6]
D [1 5:8]
D [7 :0]
D [7:0]
D [1 5:0]
D [2 3:16 ]
D [31 :24 ]
B ig -end ian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com