Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88180 Datasheet(PDF) 46 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 46 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 39Page - ASIX Electronics Corporation AX88180 Datasheet HTML 40Page - ASIX Electronics Corporation AX88180 Datasheet HTML 41Page - ASIX Electronics Corporation AX88180 Datasheet HTML 42Page - ASIX Electronics Corporation AX88180 Datasheet HTML 43Page - ASIX Electronics Corporation AX88180 Datasheet HTML 44Page - ASIX Electronics Corporation AX88180 Datasheet HTML 45Page - ASIX Electronics Corporation AX88180 Datasheet HTML 46Page - ASIX Electronics Corporation AX88180 Datasheet HTML 47Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
AX88180
46
ASIX ELECTRONICS CORPORATION
Revision History
Revision
Date
Comment
V1.0
2005/10/4
First edition
V1.0A
2006/3/31
1. Correct some typos in Section 3.4.
2. Correct the name definition of some pins in Section 1-3 and Section 2.
V1.1
2006/7/28
1. Some typo errors corrected between Pin diagram and tables.
2. Host read/write timing revised in Section 5.
3. Some bits of registers are updated.
4. Add some connections between MCU and AX88180 in Appendix.
5. Add wake up LAN in Appendix.
6. Update the power consumption information in Section 5.1.6.
V1.2
2007/3/28
1. Correct some information in Section 3.9 for 16-bit mode operation.
2. Modify the data access timing information in Section 5.2.5, 5.2.6 and
Appendix A4.
3. Update the power consumption information in Section 5.1.6.
4. Add some information in Section 3.10.
5. Define the bit filed name (RXJUBOLEN) for bit 10:7 of MAC_CFG1
register.
6. Add AX88180 with Gigabit PHY Connection information in Appendix A3.
7. Modify some descriptions in Section 1.1, 4.6, 4.16, 4.17, 4.18, 4.22,
4.34~4.36, 4.40.
8. Modify the description of TXCLK and GTXCLK pin in Section 2.2.
9. Rearrange the content of Appendix into Appendix A1~A5.
10. Change the number format from 16h’XXXX to 0xXXXX for example.
V1.3
2007/5/4
1.
Swap the pin definition of pin #90 and #91 in Section 2.6 and Figure 2.
2.
Correct some typo errors of pin type in Table 1 and Table 5.
V1.4
2007/5/18
1.
Modify max operation frequency of HCLK from 125MHz to 100MHz.
2.
Modify some thermal information in Section 5.1.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com