Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88180 Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 17Page - ASIX Electronics Corporation AX88180 Datasheet HTML 18Page - ASIX Electronics Corporation AX88180 Datasheet HTML 19Page - ASIX Electronics Corporation AX88180 Datasheet HTML 20Page - ASIX Electronics Corporation AX88180 Datasheet HTML 21Page - ASIX Electronics Corporation AX88180 Datasheet HTML 22Page - ASIX Electronics Corporation AX88180 Datasheet HTML 23Page - ASIX Electronics Corporation AX88180 Datasheet HTML 24Page - ASIX Electronics Corporation AX88180 Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
AX88180
21
ASIX ELECTRONICS CORPORATION
4.12 RXCURT--RX Current Pointer Register
Offset Address = 0xFC34
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXCURPTR
R/W
All 0’s
RX Line Current Pointer.
Point to the last line that will be written by hardware. The unit of line is 16
bytes. AX88180 will maintain this register.
4.13 RXBOUND--RX Boundary Pointer Register
Offset Address = 0xFC38
Default = 0x0000_07FF
Field
Name
Type
Default
Description
31:11
-
R
All 0’s
Reserved
10:0
RXBUNPTR
R/W
0x7FF
RX Line Boundary Pointer.
Point to the last line that has been read by driver. The unit of line is 16
bytes.
When driver finished reading packet from RX buffer, it must update this
field.
4.14 MAC_CFG0--MAC Configuration0 Register
Offset Address = 0xFC40
Default = 0x0000_8157
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
SPEED100
R/W
1
Line Speed Mode
When this bit is enabled and bit12 of MAC_CFG1 is disabled, MAC will
operate in 100Mbps mode otherwise it operates in 10Mbps speed. If bit12
of MAC_CFG1 is enabled, this bit will be ignored
14
-
R/W
0
Reserved, this bit must set to 0 for normal operation
13
-
R/W
0
Reserved, this bit must set to 0 for normal operation.
12
RXFLOW
R/W
0
RX Flow Control
If this bit and bit8 of RX_CFG are enabled, MAC will perform flow
control and send pause on/off frame when the available space of receive
buffer is less than the value of RXBTHD0.
1 = enable
0 = disable
11
-
R/W
0
Reserved, this bit must set to 0 for normal operation.
10:4
IPG100
R/W
0x15
Inter Packet Gap (IPG) for 10/100M
This field defines the back-to-back transmit packet gap for 10/100M.
3:0
IPG1000
R/W
0x7
Inter Packet Gap for 1000M
This field defines the back-to-back transmit packet gap for 1000M only.
4.15 MAC_CFG1--MAC Configuration1 Register
Offset Address = 0xFC44
Default = 0x0000_6000
Field
Name
Type
Default
Description
31:15
-
R
All 0’s
Reserved
14
PUSRULE
R/W
1
Pause Frame Check Rule
When this bit is set, AX88180 accepts pause frame that DA can be any
value.
1 = don’t check DA field.
0 = check DA is equal to “01 80 C2 00 00 01”
13
CRCCHK
R/W
1
Check CRC of received Packet.
When this bit is enabled, AX88180 will drop any CRC error packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com